Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 230 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 230 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 226Page - Altera Corporation EP3SL150 Datasheet HTML 227Page - Altera Corporation EP3SL150 Datasheet HTML 228Page - Altera Corporation EP3SL150 Datasheet HTML 229Page - Altera Corporation EP3SL150 Datasheet HTML 230Page - Altera Corporation EP3SL150 Datasheet HTML 231Page - Altera Corporation EP3SL150 Datasheet HTML 232Page - Altera Corporation EP3SL150 Datasheet HTML 233Page - Altera Corporation EP3SL150 Datasheet HTML 234Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 341 page
background image
1–220
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
DIFFERENTIAL
1.5-V HSTL
CLASS I
GCLK
tsu
-0.749
-0.785
-1.110 -1.211 -1.317 -1.267 -1.542 -1.219 -1.323 -1.275
-1.579
ns
t
h
0.865
0.914
1.297
1.418
1.547
1.483
1.757
1.436
1.564
1.502
1.795
ns
GCLK
PLL
t
su
1.072
1.074
1.770
2.010
2.245
2.124
2.149
2.013
2.249
2.128
2.196
ns
t
h
-0.819
-0.810
-1.368 -1.561 -1.741 -1.652 -1.671 -1.555 -1.736 -1.646
-1.716
ns
DIFFERENTIAL
1.5-V HSTL
CLASS II
GCLK
t
su
-0.749
-0.785
-1.110 -1.211 -1.317 -1.267 -1.542 -1.219 -1.323 -1.275
-1.579
ns
t
h
0.865
0.914
1.297
1.418
1.547
1.483
1.757
1.436
1.564
1.502
1.795
ns
GCLK
PLL
t
su
1.072
1.074
1.770
2.010
2.245
2.124
2.149
2.013
2.249
2.128
2.196
ns
th
-0.819
-0.810
-1.368 -1.561 -1.741 -1.652 -1.671 -1.555 -1.736 -1.646
-1.716
ns
DIFFERENTIAL
1.8-V HSTL
CLASS I
GCLK
t
su
-0.763
-0.797
-1.123 -1.221 -1.335 -1.285 -1.560 -1.230 -1.340 -1.292
-1.596
ns
t
h
0.879
0.926
1.309
1.428
1.565
1.501
1.775
1.447
1.581
1.519
1.812
ns
GCLK
PLL
t
su
1.058
1.062
1.757
2.000
2.227
2.106
2.131
2.002
2.232
2.111
2.179
ns
t
h
-0.805
-0.798
-1.356 -1.551 -1.723 -1.634 -1.653 -1.544 -1.719 -1.629
-1.699
ns
DIFFERENTIAL
1.8-V HSTL
CLASS II
GCLK
tsu
-0.763
-0.797
-1.123 -1.221 -1.335 -1.285 -1.560 -1.230 -1.340 -1.292
-1.596
ns
t
h
0.879
0.926
1.309
1.428
1.565
1.501
1.775
1.447
1.581
1.519
1.812
ns
GCLK
PLL
t
su
1.058
1.062
1.757
2.000
2.227
2.106
2.131
2.002
2.232
2.111
2.179
ns
t
h
-0.805
-0.798
-1.356 -1.551 -1.723 -1.634 -1.653 -1.544 -1.719 -1.629
-1.699
ns
DIFFERENTIAL
1.5-V SSTL
CLASS I
GCLK
t
su
-0.749
-0.785
-1.110 -1.211 -1.317 -1.267 -1.542 -1.219 -1.323 -1.275
-1.579
ns
t
h
0.865
0.914
1.297
1.418
1.547
1.483
1.757
1.436
1.564
1.502
1.795
ns
GCLK
PLL
t
su
1.072
1.074
1.770
2.010
2.245
2.124
2.149
2.013
2.249
2.128
2.196
ns
th
-0.819
-0.810
-1.368 -1.561 -1.741 -1.652 -1.671 -1.555 -1.736 -1.646
-1.716
ns
DIFFERENTIAL
1.5-V SSTL
CLASS II
GCLK
t
su
-0.749
-0.785
-1.110 -1.211 -1.317 -1.267 -1.542 -1.219 -1.323 -1.275
-1.579
ns
t
h
0.865
0.914
1.297
1.418
1.547
1.483
1.757
1.436
1.564
1.502
1.795
ns
GCLK
PLL
t
su
1.072
1.074
1.770
2.010
2.245
2.124
2.149
2.013
2.249
2.128
2.196
ns
t
h
-0.819
-0.810
-1.368 -1.561 -1.741 -1.652 -1.671 -1.555 -1.736 -1.646
-1.716
ns
DIFFERENTIAL
1.8-V SSTL
CLASS I
GCLK
tsu
-0.763
-0.797
-1.123 -1.221 -1.335 -1.285 -1.560 -1.230 -1.340 -1.292
-1.596
ns
t
h
0.879
0.926
1.309
1.428
1.565
1.501
1.775
1.447
1.581
1.519
1.812
ns
GCLK
PLL
t
su
1.058
1.062
1.757
2.000
2.227
2.106
2.131
2.002
2.232
2.111
2.179
ns
t
h
-0.805
-0.798
-1.356 -1.551 -1.723 -1.634 -1.653 -1.544 -1.719 -1.629
-1.699
ns
DIFFERENTIAL
1.8-V SSTL
CLASS II
GCLK
t
su
-0.763
-0.797
-1.123 -1.221 -1.335 -1.285 -1.560 -1.230 -1.340 -1.292
-1.596
ns
t
h
0.879
0.926
1.309
1.428
1.565
1.501
1.775
1.447
1.581
1.519
1.812
ns
GCLK
PLL
t
su
1.058
1.062
1.757
2.000
2.227
2.106
2.131
2.002
2.232
2.111
2.179
ns
th
-0.805
-0.798
-1.356 -1.551 -1.723 -1.634 -1.653 -1.544 -1.719 -1.629
-1.699
ns
DIFFERENTIAL
2.5-V SSTL
CLASS I
GCLK
t
su
-0.762
-0.796
-1.128 -1.227 -1.336 -1.287 -1.561 -1.231 -1.336 -1.290
-1.593
ns
t
h
0.878
0.925
1.314
1.436
1.569
1.505
1.780
1.451
1.580
1.518
1.813
ns
GCLK
PLL
t
su
1.049
1.053
1.742
1.984
2.216
2.094
2.120
1.991
2.226
2.103
2.172
ns
t
h
-0.796
-0.789
-1.341 -1.533 -1.709 -1.620 -1.638 -1.530 -1.710 -1.620
-1.688
ns
Table 1–106. EP3SE50 Row Pins Input Timing Parameters (Part 2 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com