Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 233 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 233 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 229Page - Altera Corporation EP3SL150 Datasheet HTML 230Page - Altera Corporation EP3SL150 Datasheet HTML 231Page - Altera Corporation EP3SL150 Datasheet HTML 232Page - Altera Corporation EP3SL150 Datasheet HTML 233Page - Altera Corporation EP3SL150 Datasheet HTML 234Page - Altera Corporation EP3SL150 Datasheet HTML 235Page - Altera Corporation EP3SL150 Datasheet HTML 236Page - Altera Corporation EP3SL150 Datasheet HTML 237Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–223
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
DIFFERENTIAL
1.8-V HSTL
CLASS I
4mA
GCLK
tco
3.065
3.289
4.652 5.060 5.577 5.435 5.664 5.188 5.706 5.566 5.732
ns
GCLK
PLL
t
co
3.065
3.290
4.660 5.070 5.589 5.447 5.676 5.199 5.719 5.579 5.745
ns
6mA
GCLK
t
co
3.081
3.307
4.676 5.085 5.603 5.461 5.690 5.214 5.732 5.592 5.758
ns
GCLK
PLL
tco
3.081
3.307
4.676 5.085 5.603 5.461 5.690 5.214 5.732 5.592 5.758
ns
8mA
GCLK
t
co
3.071
3.297
4.666 5.075 5.593 5.451 5.680 5.204 5.723 5.583 5.749
ns
GCLK
PLL
t
co
3.064
3.289
4.652 5.060 5.577 5.435 5.664 5.188 5.706 5.566 5.732
ns
10mA
GCLK
t
co
3.058
3.277
4.610 5.014 5.527 5.385 5.614 5.140 5.654 5.514 5.680
ns
GCLK
PLL
t
co
3.054
3.280
4.657 5.069 5.589 5.447 5.676 5.199 5.720 5.580 5.746
ns
12mA
GCLK
tco
3.058
3.277
4.610 5.014 5.527 5.385 5.614 5.140 5.654 5.514 5.680
ns
GCLK
PLL
t
co
3.054
3.280
4.657 5.069 5.589 5.447 5.676 5.199 5.720 5.580 5.746
ns
DIFFERENTIAL
1.8-V HSTL
CLASS II
16mA
GCLK
t
co
3.058
3.277
4.610 5.014 5.527 5.385 5.614 5.140 5.654 5.514 5.680
ns
GCLK
PLL
t
co
3.054
3.280
4.657 5.069 5.589 5.447 5.676 5.199 5.720 5.580 5.746
ns
DIFFERENTIAL
1.5-V SSTL
CLASS I
4mA
GCLK
t
co
3.085
3.310
4.681 5.092 5.611 5.469 5.698 5.220 5.740 5.600 5.766
ns
GCLK
PLL
t
co
3.075
3.300
4.671 5.081 5.601 5.459 5.688 5.209 5.730 5.590 5.756
ns
6mA
GCLK
t
co
3.075
3.300
4.674 5.085 5.605 5.463 5.692 5.214 5.735 5.595 5.761
ns
GCLK
PLL
t
co
3.068
3.294
4.667 5.079 5.599 5.457 5.686 5.207 5.729 5.589 5.755
ns
8mA
GCLK
tco
3.067
3.292
4.664 5.076 5.596 5.454 5.683 5.204 5.725 5.585 5.751
ns
GCLK
PLL
t
co
3.089
3.314
4.685 5.096 5.615 5.473 5.702 5.224 5.745 5.605 5.771
ns
10mA
GCLK
t
co
3.079
3.303
4.664 5.073 5.590 5.448 5.677 5.200 5.718 5.578 5.744
ns
GCLK
PLL
t
co
3.074
3.299
4.664 5.073 5.591 5.449 5.678 5.201 5.720 5.580 5.746
ns
12mA
GCLK
t
co
3.072
3.297
4.663 5.072 5.589 5.447 5.676 5.200 5.719 5.579 5.745
ns
GCLK
PLL
t
co
3.064
3.288
4.653 5.062 5.580 5.438 5.667 5.190 5.709 5.569 5.735
ns
DIFFERENTIAL
1.5-V SSTL
CLASS II
8mA
GCLK
t
co
3.065
3.290
4.659 5.069 5.588 5.446 5.675 5.198 5.718 5.578 5.744
ns
GCLK
PLL
t
co
3.064
3.287
4.642 5.050 5.566 5.424 5.653 5.177 5.694 5.554 5.720
ns
16mA
GCLK
tco
3.076
3.300
4.660 5.068 5.584 5.442 5.671 5.196 5.713 5.573 5.739
ns
GCLK
PLL
t
co
3.072
3.297
4.661 5.070 5.588 5.446 5.675 5.198 5.717 5.577 5.743
ns
Table 1–107. EP3SE50 Column Pins Output Timing Parameters (Part 3 of 4)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com