Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 253 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 253 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 249Page - Altera Corporation EP3SL150 Datasheet HTML 250Page - Altera Corporation EP3SL150 Datasheet HTML 251Page - Altera Corporation EP3SL150 Datasheet HTML 252Page - Altera Corporation EP3SL150 Datasheet HTML 253Page - Altera Corporation EP3SL150 Datasheet HTML 254Page - Altera Corporation EP3SL150 Datasheet HTML 255Page - Altera Corporation EP3SL150 Datasheet HTML 256Page - Altera Corporation EP3SL150 Datasheet HTML 257Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–243
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
SSTL-18
CLASS II
8mA
GCLK
t
co
3.066
3.302
4.663 5.053
5.549 5.418
5.695
5.171 5.669
5.539
5.773
ns
GCLK
PLL
t
co
1.245
1.420
1.823 1.907
2.101 2.122
2.163
2.007 2.206
2.225
2.152
ns
16mA
GCLK
t
co
3.067
3.305
4.669 5.061
5.559 5.428
5.705
5.180 5.680
5.550
5.784
ns
GCLK
PLL
t
co
1.246
1.423
1.829 1.915
2.111 2.132
2.173
2.016 2.217
2.236
2.163
ns
SSTL-15
CLASS I
4mA
GCLK
t
co
3.088
3.326
4.698 5.091
5.591 5.460
5.740
5.209 5.710
5.580
5.817
ns
GCLK
PLL
t
co
1.267
1.444
1.858 1.946
2.143 2.167
2.205
2.046 2.247
2.268
2.193
ns
6mA
GCLK
t
co
3.074
3.312
4.687 5.081
5.581 5.450
5.727
5.200 5.701
5.571
5.805
ns
GCLK
PLL
t
co
1.253
1.430
1.847 1.935
2.133 2.154
2.195
2.036 2.238
2.257
2.184
ns
8mA
GCLK
t
co
3.063
3.300
4.674 5.068
5.568 5.437
5.714
5.187 5.688
5.558
5.792
ns
GCLK
PLL
t
co
1.242
1.418
1.834 1.922
2.120 2.141
2.182
2.023 2.225
2.244
2.171
ns
1.8-V
HSTL
CLASS I
4mA
GCLK
t
co
3.073
3.308
4.662 5.051
5.547 5.416
5.693
5.170 5.666
5.536
5.770
ns
GCLK
PLL
t
co
1.252
1.426
1.822 1.905
2.099 2.120
2.161
2.006 2.203
2.222
2.149
ns
6mA
GCLK
t
co
3.066
3.302
4.660 5.050
5.546 5.415
5.692
5.169 5.666
5.536
5.770
ns
GCLK
PLL
t
co
1.245
1.420
1.820 1.904
2.098 2.119
2.160
2.005 2.203
2.222
2.149
ns
8mA
GCLK
t
co
3.057
3.294
4.653 5.043
5.539 5.408
5.685
5.162 5.659
5.529
5.763
ns
GCLK
PLL
t
co
1.236
1.412
1.813 1.897
2.091 2.112
2.153
1.998 2.196
2.215
2.142
ns
10mA
GCLK
t
co
3.060
3.296
4.656 5.046
5.543 5.412
5.689
5.165 5.662
5.532
5.766
ns
GCLK
PLL
t
co
1.239
1.414
1.816 1.900
2.095 2.116
2.157
2.001 2.199
2.218
2.145
ns
12mA
GCLK
t
co
3.056
3.293
4.658 5.049
5.546 5.415
5.692
5.168 5.667
5.537
5.771
ns
GCLK
PLL
t
co
1.235
1.411
1.818 1.903
2.098 2.119
2.160
2.004 2.204
2.223
2.150
ns
1.8-V
HSTL
CLASS II
16mA
GCLK
t
co
3.064
3.301
4.656 5.046
5.542 5.411
5.688
5.164 5.661
5.531
5.765
ns
GCLK
PLL
t
co
1.243
1.419
1.816 1.900
2.094 2.115
2.156
2.000 2.198
2.217
2.144
ns
1.5-V
HSTL
CLASS I
4mA
GCLK
t
co
3.079
3.314
4.671 5.061
5.558 5.427
5.704
5.179 5.677
5.547
5.781
ns
GCLK
PLL
t
co
1.258
1.432
1.831 1.915
2.110 2.131
2.172
2.015 2.214
2.233
2.160
ns
6mA
GCLK
t
co
3.073
3.309
4.672 5.063
5.560 5.429
5.706
5.181 5.680
5.550
5.784
ns
GCLK
PLL
t
co
1.252
1.427
1.832 1.917
2.112 2.133
2.174
2.017 2.217
2.236
2.163
ns
8mA
GCLK
t
co
3.069
3.305
4.667 5.058
5.555 5.424
5.701
5.176 5.674
5.544
5.778
ns
GCLK
PLL
t
co
1.248
1.423
1.827 1.912
2.107 2.128
2.169
2.012 2.211
2.230
2.157
ns
Table 1–114. EP3SE80 Row Pins Output Timing Parameters (Part 4 of 5)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com