Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 256 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 256 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 252Page - Altera Corporation EP3SL150 Datasheet HTML 253Page - Altera Corporation EP3SL150 Datasheet HTML 254Page - Altera Corporation EP3SL150 Datasheet HTML 255Page - Altera Corporation EP3SL150 Datasheet HTML 256Page - Altera Corporation EP3SL150 Datasheet HTML 257Page - Altera Corporation EP3SL150 Datasheet HTML 258Page - Altera Corporation EP3SL150 Datasheet HTML 259Page - Altera Corporation EP3SL150 Datasheet HTML 260Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 341 page
background image
1–246
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–116 lists the EP3SE80 row pins input timing parameters for differential I/O
standards.
DIFFERENTIAL
2.5-V SSTL
CLASS I
GCLK
tsu
-0.840
-0.881
-1.289 -1.395 -1.518 -1.460 -1.828 -1.394 -1.510 -1.459 -1.866
ns
t
h
0.969
1.028
1.493
1.625
1.769
1.697
2.070
1.633
1.772
1.706
2.109
ns
GCLK
PLL
t
su
1.117
1.142
1.771
1.998
2.207
2.097
2.011
2.016
2.232
2.116
2.062
ns
t
h
-0.855
-0.857
-1.350 -1.525 -1.683 -1.603 -1.505 -1.534 -1.696 -1.613 -1.554
ns
DIFFERENTIAL
2.5-V SSTL
CLASS II
GCLK
t
su
-0.840
-0.881
-1.289 -1.395 -1.518 -1.460 -1.828 -1.394 -1.510 -1.459 -1.866
ns
t
h
0.969
1.028
1.493
1.625
1.769
1.697
2.070
1.633
1.772
1.706
2.109
ns
GCLK
PLL
t
su
1.117
1.142
1.771
1.998
2.207
2.097
2.011
2.016
2.232
2.116
2.062
ns
th
-0.855
-0.857
-1.350 -1.525 -1.683 -1.603 -1.505 -1.534 -1.696 -1.613 -1.554
ns
Table 1–115. EP3SE80 Column Pins Input Timing Parameters (Part 3 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
Table 1–116. EP3SE80 Row Pins Input Timing Parameters (Part 1 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
LVDS
GCLK
t
su
-0.944
-0.979
-1.054 -1.015 -1.154 -1.107
-1.454
-0.975 -1.107 -1.061 -1.493
ns
t
h
1.077
1.130
1.288
1.285
1.447
1.389
1.737
1.257
1.412
1.355
1.777
ns
GCLK
PLL
t
su
0.961
0.989
1.951
2.328
2.533
2.408
2.342
2.387
2.599
2.472
2.394
ns
th
-0.691
-0.700
-1.502 -1.818 -1.968 -1.871
-1.796
-1.862 -2.019 -1.921 -1.844
ns
MINI-LVDS
GCLK
t
su
-0.944
-0.979
-1.054 -1.015 -1.154 -1.107
-1.454
-0.975 -1.107 -1.061 -1.493
ns
t
h
1.077
1.130
1.288
1.285
1.447
1.389
1.737
1.257
1.412
1.355
1.777
ns
GCLK
PLL
t
su
0.961
0.989
1.951
2.328
2.533
2.408
2.342
2.387
2.599
2.472
2.394
ns
t
h
-0.691
-0.700
-1.502 -1.818 -1.968 -1.871
-1.796
-1.862 -2.019 -1.921 -1.844
ns
RSDS
GCLK
tsu
-0.944
-0.979
-1.054 -1.015 -1.154 -1.107
-1.454
-0.975 -1.107 -1.061 -1.493
ns
t
h
1.077
1.130
1.288
1.285
1.447
1.389
1.737
1.257
1.412
1.355
1.777
ns
GCLK
PLL
t
su
0.961
0.989
1.951
2.328
2.533
2.408
2.342
2.387
2.599
2.472
2.394
ns
t
h
-0.691
-0.700
-1.502 -1.818 -1.968 -1.871
-1.796
-1.862 -2.019 -1.921 -1.844
ns
DIFFERENTIAL
1.2-V HSTL
CLASS I
GCLK
t
su
-0.749
-0.794
-1.145 -1.244 -1.343 -1.291
-1.633
-1.246 -1.344 -1.293 -1.677
ns
t
h
0.875
0.936
1.345
1.468
1.587
1.524
1.867
1.479
1.597
1.535
1.912
ns
GCLK
PLL
t
su
1.156
1.174
1.864
2.104
2.344
2.224
2.163
2.120
2.362
2.240
2.210
ns
th
-0.893
-0.894
-1.447 -1.639 -1.828 -1.736
-1.666
-1.644 -1.834 -1.741 -1.709
ns
DIFFERENTIAL
1.2-V HSTL
CLASS II
GCLK
t
su
-0.749
-0.794
-1.145 -1.244 -1.343 -1.291
-1.633
-1.246 -1.344 -1.293 -1.677
ns
t
h
0.875
0.936
1.345
1.468
1.587
1.524
1.867
1.479
1.597
1.535
1.912
ns
GCLK
PLL
t
su
1.156
1.174
1.864
2.104
2.344
2.224
2.163
2.120
2.362
2.240
2.210
ns
t
h
-0.893
-0.894
-1.447 -1.639 -1.828 -1.736
-1.666
-1.644 -1.834 -1.741 -1.709
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com