Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 258 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 258 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 254Page - Altera Corporation EP3SL150 Datasheet HTML 255Page - Altera Corporation EP3SL150 Datasheet HTML 256Page - Altera Corporation EP3SL150 Datasheet HTML 257Page - Altera Corporation EP3SL150 Datasheet HTML 258Page - Altera Corporation EP3SL150 Datasheet HTML 259Page - Altera Corporation EP3SL150 Datasheet HTML 260Page - Altera Corporation EP3SL150 Datasheet HTML 261Page - Altera Corporation EP3SL150 Datasheet HTML 262Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 341 page
background image
1–248
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–117 lists the EP3SE80 column pins output timing parameters for differential
I/O standards.
DIFFERENTIAL
2.5-V SSTL
CLASS II
GCLK
tsu
-0.781
-0.827
-1.178 -1.275 -1.384 -1.333
-1.673
-1.273 -1.378 -1.329 -1.712
ns
t
h
0.907
0.969
1.379
1.502
1.631
1.568
1.912
1.509
1.636
1.573
1.952
ns
GCLK
PLL
t
su
1.124
1.141
1.827
2.068
2.299
2.178
2.118
2.089
2.323
2.199
2.170
ns
t
h
-0.861
-0.861
-1.411 -1.601 -1.780 -1.688
-1.617
-1.610 -1.792 -1.699 -1.665
ns
Table 1–116. EP3SE80 Row Pins Input Timing Parameters (Part 3 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
Table 1–117. EP3SE80 Column Pins Output Timing Parameters (Part 1 of 4)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
LVDS_E_1R
—
GCLK
tco
3.152
3.387
4.757 5.155 5.666 5.526 5.826 5.278 5.789 5.650 5.899
ns
GCLK
PLL
t
co
1.328
1.502
1.913 2.006 2.214 2.225 2.251 2.110 2.321 2.331 2.237
ns
LVDS_E_3R
—
GCLK
t
co
3.148
3.390
4.804 5.210 5.728 5.588 5.888 5.337 5.855 5.716 5.965
ns
GCLK
PLL
t
co
1.324
1.505
1.960 2.061 2.276 2.287 2.313 2.169 2.387 2.397 2.303
ns
MINI-
LVDS_E_1R
—
GCLK
t
co
3.152
3.387
4.757 5.155 5.666 5.526 5.826 5.278 5.789 5.650 5.899
ns
GCLK
PLL
t
co
1.328
1.502
1.913 2.006 2.214 2.225 2.251 2.110 2.321 2.331 2.237
ns
MINI-
LVDS_E_3R
—
GCLK
t
co
3.148
3.390
4.804 5.210 5.728 5.588 5.888 5.337 5.855 5.716 5.965
ns
GCLK
PLL
t
co
1.324
1.505
1.960 2.061 2.276 2.287 2.313 2.169 2.387 2.397 2.303
ns
RSDS_E_1R
—
GCLK
tco
3.152
3.387
4.757 5.155 5.666 5.526 5.826 5.278 5.789 5.650 5.899
ns
GCLK
PLL
t
co
1.328
1.502
1.913 2.006 2.214 2.225 2.251 2.110 2.321 2.331 2.237
ns
RSDS_E_3R
—
GCLK
t
co
3.148
3.390
4.804 5.210 5.728 5.588 5.888 5.337 5.855 5.716 5.965
ns
GCLK
PLL
t
co
1.324
1.505
1.960 2.061 2.276 2.287 2.313 2.169 2.387 2.397 2.303
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com