Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 260 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 260 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 256Page - Altera Corporation EP3SL150 Datasheet HTML 257Page - Altera Corporation EP3SL150 Datasheet HTML 258Page - Altera Corporation EP3SL150 Datasheet HTML 259Page - Altera Corporation EP3SL150 Datasheet HTML 260Page - Altera Corporation EP3SL150 Datasheet HTML 261Page - Altera Corporation EP3SL150 Datasheet HTML 262Page - Altera Corporation EP3SL150 Datasheet HTML 263Page - Altera Corporation EP3SL150 Datasheet HTML 264Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 341 page
background image
1–250
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
DIFFERENTIAL
1.8-V HSTL
CLASS I
4mA
GCLK
tco
3.170
3.410
4.807 5.209 5.723 5.583 5.883 5.334 5.848 5.709 5.958
ns
GCLK
PLL
t
co
1.346
1.525
1.963 2.060 2.271 2.282 2.308 2.166 2.380 2.390 2.296
ns
6mA
GCLK
t
co
3.166
3.407
4.808 5.211 5.727 5.587 5.887 5.336 5.852 5.713 5.962
ns
GCLK
PLL
tco
1.342
1.522
1.964 2.062 2.275 2.286 2.312 2.168 2.384 2.394 2.300
ns
8mA
GCLK
t
co
3.156
3.396
4.797 5.200 5.715 5.575 5.875 5.325 5.840 5.701 5.950
ns
GCLK
PLL
t
co
1.332
1.511
1.953 2.051 2.263 2.274 2.300 2.157 2.372 2.382 2.288
ns
10mA
GCLK
t
co
3.154
3.394
4.795 5.197 5.713 5.573 5.873 5.323 5.838 5.699 5.948
ns
GCLK
PLL
t
co
1.330
1.509
1.951 2.048 2.261 2.272 2.298 2.155 2.370 2.380 2.286
ns
12mA
GCLK
tco
3.154
3.395
4.798 5.202 5.718 5.578 5.878 5.327 5.844 5.705 5.954
ns
GCLK
PLL
t
co
1.330
1.510
1.954 2.053 2.266 2.277 2.303 2.159 2.376 2.386 2.292
ns
DIFFERENTIAL
1.8-V HSTL
CLASS II
16mA
GCLK
t
co
3.158
3.398
4.795 5.197 5.712 5.572 5.872 5.322 5.837 5.698 5.947
ns
GCLK
PLL
t
co
1.334
1.513
1.951 2.048 2.260 2.271 2.297 2.154 2.369 2.379 2.285
ns
DIFFERENTIAL
1.5-V SSTL
CLASS I
4mA
GCLK
t
co
3.184
3.427
4.840 5.245 5.762 5.622 5.922 5.370 5.887 5.748 5.997
ns
GCLK
PLL
t
co
1.360
1.542
1.996 2.096 2.310 2.321 2.347 2.202 2.419 2.429 2.335
ns
6mA
GCLK
t
co
3.170
3.413
4.828 5.234 5.752 5.612 5.912 5.360 5.878 5.739 5.988
ns
GCLK
PLL
t
co
1.346
1.528
1.984 2.085 2.300 2.311 2.337 2.192 2.410 2.420 2.326
ns
8mA
GCLK
tco
3.158
3.400
4.811 5.216 5.734 5.594 5.894 5.342 5.860 5.721 5.970
ns
GCLK
PLL
t
co
1.334
1.515
1.967 2.067 2.282 2.293 2.319 2.174 2.392 2.402 2.308
ns
10mA
GCLK
t
co
3.158
3.400
4.814 5.220 5.738 5.598 5.898 5.346 5.865 5.726 5.975
ns
GCLK
PLL
t
co
1.334
1.515
1.970 2.071 2.286 2.297 2.323 2.178 2.397 2.407 2.313
ns
12mA
GCLK
t
co
3.154
3.396
4.807 5.212 5.731 5.591 5.891 5.339 5.857 5.718 5.967
ns
GCLK
PLL
t
co
1.330
1.511
1.963 2.063 2.279 2.290 2.316 2.171 2.389 2.399 2.305
ns
DIFFERENTIAL
1.5-V SSTL
CLASS II
8mA
GCLK
t
co
3.158
3.398
4.800 5.203 5.719 5.579 5.879 5.328 5.844 5.705 5.954
ns
GCLK
PLL
t
co
1.334
1.513
1.956 2.054 2.267 2.278 2.304 2.160 2.376 2.386 2.292
ns
16mA
GCLK
tco
3.159
3.400
4.808 5.213 5.730 5.590 5.890 5.338 5.856 5.717 5.966
ns
GCLK
PLL
t
co
1.335
1.515
1.964 2.064 2.278 2.289 2.315 2.170 2.388 2.398 2.304
ns
Table 1–117. EP3SE80 Column Pins Output Timing Parameters (Part 3 of 4)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com