Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 263 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 263 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 259Page - Altera Corporation EP3SL150 Datasheet HTML 260Page - Altera Corporation EP3SL150 Datasheet HTML 261Page - Altera Corporation EP3SL150 Datasheet HTML 262Page - Altera Corporation EP3SL150 Datasheet HTML 263Page - Altera Corporation EP3SL150 Datasheet HTML 264Page - Altera Corporation EP3SL150 Datasheet HTML 265Page - Altera Corporation EP3SL150 Datasheet HTML 266Page - Altera Corporation EP3SL150 Datasheet HTML 267Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–253
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
DIFFERENTIAL
1.5-V
HSTL CLASS I
4mA
GCLK
tco
3.160
3.406
4.814 5.220 5.733 5.595 5.866 5.348
5.862
5.724
5.943
ns
GCLK
PLL
t
co
1.357
1.541
1.990 2.090 2.300 2.314 2.312 2.200
2.415
2.424
2.301
ns
6mA
GCLK
tco
3.149
3.396
4.810 5.216 5.730 5.592 5.863 5.345
5.859
5.721
5.940
ns
GCLK
PLL
t
co
1.346
1.531
1.986 2.086 2.297 2.311 2.309 2.197
2.412
2.421
2.298
ns
8mA
GCLK
t
co
3.146
3.393
4.808 5.214 5.728 5.590 5.861 5.343
5.858
5.720
5.939
ns
GCLK
PLL
t
co
1.343
1.528
1.984 2.084 2.295 2.309 2.307 2.195
2.411
2.420
2.297
ns
DIFFERENTIAL
1.8-V
HSTL CLASS I
4mA
GCLK
t
co
3.157
3.403
4.809 5.215 5.727 5.589 5.860 5.343
5.856
5.718
5.937
ns
GCLK
PLL
t
co
1.354
1.538
1.985 2.085 2.294 2.308 2.306 2.195
2.409
2.418
2.295
ns
6mA
GCLK
t
co
3.147
3.394
4.807 5.213 5.726 5.588 5.859 5.342
5.856
5.718
5.937
ns
GCLK
PLL
t
co
1.344
1.529
1.983 2.083 2.293 2.307 2.305 2.194
2.409
2.418
2.295
ns
8mA
GCLK
t
co
3.133
3.380
4.792 5.198 5.712 5.574 5.845 5.327
5.841
5.703
5.922
ns
GCLK
PLL
tco
1.330
1.515
1.968 2.068 2.279 2.293 2.291 2.179
2.394
2.403
2.280
ns
10mA
GCLK
t
co
3.130
3.376
4.788 5.194 5.708 5.570 5.841 5.323
5.837
5.699
5.918
ns
GCLK
PLL
tco
1.327
1.511
1.964 2.064 2.275 2.289 2.287 2.175
2.390
2.399
2.276
ns
12mA
GCLK
t
co
3.127
3.374
4.789 5.197 5.711 5.573 5.844 5.326
5.841
5.703
5.922
ns
GCLK
PLL
t
co
1.324
1.509
1.965 2.067 2.278 2.292 2.290 2.178
2.394
2.403
2.280
ns
16mA
GCLK
t
co
3.128
3.374
4.779 5.185 5.698 5.560 5.831 5.313
5.827
5.689
5.908
ns
GCLK
PLL
t
co
1.325
1.509
1.955 2.055 2.265 2.279 2.277 2.165
2.380
2.389
2.266
ns
DIFFERENTIAL
1.5-V
SSTL CLASS I
4mA
GCLK
t
co
3.177
3.427
4.850 5.258 5.774 5.636 5.907 5.387
5.903
5.765
5.984
ns
GCLK
PLL
t
co
1.374
1.562
2.026 2.128 2.341 2.355 2.353 2.239
2.456
2.465
2.342
ns
6mA
GCLK
t
co
3.153
3.403
4.832 5.241 5.757 5.619 5.890 5.370
5.888
5.750
5.969
ns
GCLK
PLL
t
co
1.350
1.538
2.008 2.111 2.324 2.338 2.336 2.222
2.441
2.450
2.327
ns
8mA
GCLK
t
co
3.136
3.384
4.810 5.219 5.735 5.597 5.868 5.348
5.866
5.728
5.947
ns
GCLK
PLL
t
co
1.333
1.519
1.986 2.089 2.302 2.316 2.314 2.200
2.419
2.428
2.305
ns
Table 1–118. EP3SE80 Row Pins Output Timing Parameters (Part 2 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com