Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 271 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 271 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 267Page - Altera Corporation EP3SL150 Datasheet HTML 268Page - Altera Corporation EP3SL150 Datasheet HTML 269Page - Altera Corporation EP3SL150 Datasheet HTML 270Page - Altera Corporation EP3SL150 Datasheet HTML 271Page - Altera Corporation EP3SL150 Datasheet HTML 272Page - Altera Corporation EP3SL150 Datasheet HTML 273Page - Altera Corporation EP3SL150 Datasheet HTML 274Page - Altera Corporation EP3SL150 Datasheet HTML 275Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–261
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–123 lists the EP3SE110 column pins output timing parameters for
single-ended I/O standards.
Table 1–123. EP3SE110 Column Pins Output Timing Parameters (Part 1 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
UnitS
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V
LVTTL
4mA
GCLK
t
co
3.489
3.489
4.830
5.213
5.686
5.551
5.863
5.213
5.686
5.551
5.863
ns
GCLK
PLL
t
co
3.868
3.881
5.415
5.837
6.442
6.278
6.680
5.837
6.442
6.278
6.680
ns
8mA
GCLK
t
co
3.422
3.422
4.721
5.102
5.573
5.438
5.750
5.102
5.573
5.438
5.750
ns
GCLK
PLL
t
co
3.801
3.814
5.306
5.726
6.329
6.165
6.567
5.726
6.329
6.165
6.567
ns
12mA
GCLK
t
co
3.336
3.336
4.617
5.003
5.481
5.346
5.658
5.003
5.481
5.346
5.658
ns
GCLK
PLL
t
co
3.715
3.728
5.203
5.628
6.237
6.073
6.475
5.628
6.237
6.073
6.475
ns
16mA
GCLK
t
co
3.329
3.329
4.600
4.975
5.440
5.305
5.617
4.975
5.440
5.305
5.617
ns
GCLK
PLL
t
co
3.709
3.721
5.186
5.600
6.196
6.032
6.434
5.600
6.196
6.032
6.434
ns
3.3-V
LVCMOS
4mA
GCLK
t
co
3.495
3.495
4.834
5.218
5.693
5.558
5.870
5.218
5.693
5.558
5.870
ns
GCLK
PLL
t
co
3.874
3.887
5.420
5.842
6.449
6.285
6.687
5.842
6.449
6.285
6.687
ns
8mA
GCLK
t
co
3.340
3.340
4.627
5.020
5.492
5.357
5.669
5.020
5.492
5.357
5.669
ns
GCLK
PLL
t
co
3.719
3.732
5.213
5.645
6.248
6.084
6.486
5.645
6.248
6.084
6.486
ns
12mA
GCLK
t
co
3.347
3.347
4.621
4.999
5.466
5.331
5.643
4.999
5.466
5.331
5.643
ns
GCLK
PLL
t
co
3.726
3.739
5.207
5.624
6.222
6.058
6.460
5.624
6.222
6.058
6.460
ns
16mA
GCLK
t
co
3.331
3.331
4.599
4.974
5.437
5.302
5.614
4.974
5.437
5.302
5.614
ns
GCLK
PLL
t
co
3.710
3.723
5.184
5.599
6.193
6.029
6.431
5.599
6.193
6.029
6.431
ns
3.0-V
LVTTL
4mA
GCLK
t
co
3.453
3.453
4.797
5.181
5.653
5.518
5.830
5.181
5.653
5.518
5.830
ns
GCLK
PLL
t
co
3.831
3.845
5.382
5.805
6.409
6.245
6.647
5.805
6.409
6.245
6.647
ns
8mA
GCLK
t
co
3.342
3.342
4.667
5.047
5.515
5.381
5.691
5.047
5.515
5.381
5.691
ns
GCLK
PLL
t
co
3.724
3.734
5.252
5.674
6.272
6.109
6.509
5.674
6.272
6.109
6.509
ns
12mA
GCLK
t
co
3.306
3.306
4.604
4.978
5.441
5.307
5.618
4.978
5.441
5.307
5.618
ns
GCLK
PLL
t
co
3.686
3.698
5.189
5.602
6.198
6.035
6.435
5.602
6.198
6.035
6.435
ns
16mA
GCLK
t
co
3.288
3.288
4.575
4.950
5.413
5.278
5.590
4.950
5.413
5.278
5.590
ns
GCLK
PLL
t
co
3.667
3.680
5.160
5.575
6.169
6.005
6.407
5.575
6.169
6.005
6.407
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com