Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 274 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 274 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 270Page - Altera Corporation EP3SL150 Datasheet HTML 271Page - Altera Corporation EP3SL150 Datasheet HTML 272Page - Altera Corporation EP3SL150 Datasheet HTML 273Page - Altera Corporation EP3SL150 Datasheet HTML 274Page - Altera Corporation EP3SL150 Datasheet HTML 275Page - Altera Corporation EP3SL150 Datasheet HTML 276Page - Altera Corporation EP3SL150 Datasheet HTML 277Page - Altera Corporation EP3SL150 Datasheet HTML 278Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 341 page
background image
1–264
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.2 V
2mA
GCLK
t
co
3.542
3.542
5.084
5.536
6.084
5.949
6.261
5.536
6.084
5.949
6.261
ns
GCLK
PLL
t
co
3.921
3.934
5.669
6.159
6.840
6.676
7.078
6.159
6.840
6.676
7.078
ns
4mA
GCLK
t
co
3.419
3.419
4.858
5.274
5.798
5.663
5.975
5.274
5.798
5.663
5.975
ns
GCLK
PLL
t
co
3.799
3.811
5.444
5.899
6.554
6.390
6.792
5.899
6.554
6.390
6.792
ns
6mA
GCLK
t
co
3.381
3.381
4.766
5.185
5.685
5.550
5.862
5.185
5.685
5.550
5.862
ns
GCLK
PLL
t
co
3.761
3.773
5.351
5.809
6.441
6.277
6.679
5.809
6.441
6.277
6.679
ns
8mA
GCLK
t
co
3.334
3.334
4.738
5.136
5.629
5.494
5.806
5.136
5.629
5.494
5.806
ns
GCLK
PLL
t
co
3.712
3.726
5.323
5.759
6.385
6.221
6.623
5.759
6.385
6.221
6.623
ns
SSTL-2
CLASS I
8mA
GCLK
t
co
3.334
3.334
4.695
5.083
5.560
5.425
5.737
5.083
5.560
5.425
5.737
ns
GCLK
PLL
t
co
3.713
3.726
5.280
5.706
6.316
6.152
6.554
5.706
6.316
6.152
6.554
ns
10mA
GCLK
t
co
3.331
3.331
4.692
5.080
5.556
5.421
5.733
5.080
5.556
5.421
5.733
ns
GCLK
PLL
t
co
3.710
3.723
5.277
5.702
6.312
6.148
6.550
5.702
6.312
6.148
6.550
ns
12mA
GCLK
t
co
3.329
3.329
4.692
5.081
5.557
5.422
5.734
5.081
5.557
5.422
5.734
ns
GCLK
PLL
t
co
3.709
3.721
5.277
5.703
6.313
6.149
6.551
5.703
6.313
6.149
6.551
ns
SSTL-2
CLASS II
16mA
GCLK
t
co
3.320
3.320
4.677
5.065
5.542
5.407
5.719
5.065
5.542
5.407
5.719
ns
GCLK
PLL
t
co
3.700
3.712
5.263
5.689
6.298
6.134
6.536
5.689
6.298
6.134
6.536
ns
SSTL-18
CLASS I
4mA
GCLK
t
co
3.341
3.341
4.707
5.097
5.576
5.441
5.753
5.097
5.576
5.441
5.753
ns
GCLK
PLL
t
co
3.720
3.733
5.292
5.720
6.332
6.168
6.570
5.720
6.332
6.168
6.570
ns
6mA
GCLK
t
co
3.337
3.337
4.705
5.095
5.574
5.439
5.751
5.095
5.574
5.439
5.751
ns
GCLK
PLL
t
co
3.716
3.729
5.290
5.718
6.330
6.166
6.568
5.718
6.330
6.166
6.568
ns
8mA
GCLK
t
co
3.326
3.326
4.695
5.086
5.565
5.430
5.742
5.086
5.565
5.430
5.742
ns
GCLK
PLL
t
co
3.706
3.718
5.280
5.709
6.321
6.157
6.559
5.709
6.321
6.157
6.559
ns
10mA
GCLK
t
co
3.315
3.315
4.682
5.073
5.552
5.417
5.729
5.073
5.552
5.417
5.729
ns
GCLK
PLL
t
co
3.694
3.707
5.268
5.696
6.308
6.144
6.546
5.696
6.308
6.144
6.546
ns
12mA
GCLK
t
co
3.315
3.315
4.682
5.073
5.552
5.417
5.729
5.073
5.552
5.417
5.729
ns
GCLK
PLL
t
co
3.694
3.707
5.267
5.696
6.308
6.144
6.546
5.696
6.308
6.144
6.546
ns
Table 1–123. EP3SE110 Column Pins Output Timing Parameters (Part 4 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
UnitS
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com