Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 291 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 291 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 287Page - Altera Corporation EP3SL150 Datasheet HTML 288Page - Altera Corporation EP3SL150 Datasheet HTML 289Page - Altera Corporation EP3SL150 Datasheet HTML 290Page - Altera Corporation EP3SL150 Datasheet HTML 291Page - Altera Corporation EP3SL150 Datasheet HTML 292Page - Altera Corporation EP3SL150 Datasheet HTML 293Page - Altera Corporation EP3SL150 Datasheet HTML 294Page - Altera Corporation EP3SL150 Datasheet HTML 295Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–281
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
DIFFERENTIAL
1.8-V
SSTL CLASS I
4mA
GCLK
tco
3.181
3.430
4.850 5.258 5.773 5.635 5.906 5.387
5.903
5.765
5.984
ns
GCLK
PLL
t
co
1.378
1.565
2.026 2.128 2.340 2.354 2.352 2.239
2.456
2.465
2.342
ns
6mA
GCLK
tco
3.166
3.415
4.836 5.243 5.758 5.620 5.891 5.372
5.888
5.750
5.969
ns
GCLK
PLL
t
co
1.363
1.550
2.012 2.113 2.325 2.339 2.337 2.224
2.441
2.450
2.327
ns
8mA
GCLK
t
co
3.155
3.404
4.831 5.240 5.755 5.617 5.888 5.369
5.886
5.748
5.967
ns
GCLK
PLL
t
co
1.352
1.539
2.007 2.110 2.322 2.336 2.334 2.221
2.439
2.448
2.325
ns
10mA
GCLK
t
co
3.135
3.384
4.808 5.216 5.732 5.594 5.865 5.346
5.862
5.724
5.943
ns
GCLK
PLL
t
co
1.332
1.519
1.984 2.086 2.299 2.313 2.311 2.198
2.415
2.424
2.301
ns
12mA
GCLK
t
co
3.132
3.380
4.804 5.213 5.728 5.590 5.861 5.342
5.859
5.721
5.940
ns
GCLK
PLL
t
co
1.329
1.515
1.980 2.083 2.295 2.309 2.307 2.194
2.412
2.421
2.298
ns
DIFFERENTIAL
1.8-V SSTL
CLASS II
8mA
GCLK
t
co
3.137
3.384
4.795 5.201 5.714 5.576 5.847 5.329
5.843
5.705
5.924
ns
GCLK
PLL
tco
1.334
1.519
1.971 2.071 2.281 2.295 2.293 2.181
2.396
2.405
2.282
ns
16mA
GCLK
t
co
3.130
3.377
4.794 5.202 5.717 5.579 5.850 5.332
5.848
5.710
5.929
ns
GCLK
PLL
tco
1.327
1.512
1.970 2.072 2.284 2.298 2.296 2.184
2.401
2.410
2.287
ns
DIFFERENTIAL
2.5-V SSTL
CLASS I
8mA
GCLK
t
co
3.168
3.416
4.832 5.239 5.753 5.615 5.886 5.368
5.883
5.745
5.964
ns
GCLK
PLL
t
co
1.365
1.551
2.008 2.109 2.320 2.334 2.332 2.220
2.436
2.445
2.322
ns
12mA
GCLK
t
co
3.150
3.399
4.817 5.224 5.738 5.600 5.871 5.353
5.868
5.730
5.949
ns
GCLK
PLL
t
co
1.347
1.534
1.993 2.094 2.305 2.319 2.317 2.205
2.421
2.430
2.307
ns
DIFFERENTIAL
2.5-V SSTL
CLASS II
16mA
GCLK
t
co
3.136
3.383
4.794 5.200 5.713 5.575 5.846 5.329
5.843
5.705
5.924
ns
GCLK
PLL
t
co
1.333
1.518
1.970 2.070 2.280 2.294 2.292 2.181
2.396
2.405
2.282
ns
Table 1–128. EP3SE110 Row Pins Output Timing Parameters (Part 3 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com