Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 294 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 294 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 290Page - Altera Corporation EP3SL150 Datasheet HTML 291Page - Altera Corporation EP3SL150 Datasheet HTML 292Page - Altera Corporation EP3SL150 Datasheet HTML 293Page - Altera Corporation EP3SL150 Datasheet HTML 294Page - Altera Corporation EP3SL150 Datasheet HTML 295Page - Altera Corporation EP3SL150 Datasheet HTML 296Page - Altera Corporation EP3SL150 Datasheet HTML 297Page - Altera Corporation EP3SL150 Datasheet HTML 298Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 341 page
background image
1–284
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
SSTL-2
CLASS I
GCLK
t
su
-1.179
-1.123
-1.742 -1.818 -1.976 -1.842 -2.274 -1.818 -1.976 -1.842 -2.274
ns
t
h
1.327
1.271
1.965
2.049
2.229
2.077
2.516
2.049
2.229
2.077
2.516
ns
GCLK
PLL
t
su
-1.352
-1.402
-2.158 -2.092 -2.350 -2.269 -2.830 -2.092 -2.350 -2.269 -2.830
ns
t
h
1.669
1.717
2.647
2.600
2.905
2.792
3.376
2.600
2.905
2.792
3.376
ns
SSTL-2
CLASS II
GCLK
t
su
-1.179
-1.123
-1.742 -1.818 -1.976 -1.842 -2.274 -1.818 -1.976 -1.842 -2.274
ns
t
h
1.327
1.271
1.965
2.049
2.229
2.077
2.516
2.049
2.229
2.077
2.516
ns
GCLK
PLL
t
su
-1.352
-1.402
-2.158 -2.092 -2.350 -2.269 -2.830 -2.092 -2.350 -2.269 -2.830
ns
t
h
1.669
1.717
2.647
2.600
2.905
2.792
3.376
2.600
2.905
2.792
3.376
ns
SSTL-18
CLASS I
GCLK
t
su
-1.173
-1.117
-1.729 -1.810 -1.973 -1.837 -2.272 -1.810 -1.973 -1.837 -2.272
ns
t
h
1.321
1.265
1.952
2.038
2.223
2.071
2.509
2.038
2.223
2.071
2.509
ns
GCLK
PLL
t
su
-1.346
-1.396
-2.145 -2.087 -2.347 -2.264 -2.828 -2.087 -2.347 -2.264 -2.828
ns
t
h
1.663
1.711
2.634
2.592
2.899
2.786
3.369
2.592
2.899
2.786
3.369
ns
SSTL-18
CLASS II
GCLK
t
su
-1.173
-1.117
-1.729 -1.810 -1.973 -1.837 -2.272 -1.810 -1.973 -1.837 -2.272
ns
t
h
1.321
1.265
1.952
2.038
2.223
2.071
2.509
2.038
2.223
2.071
2.509
ns
GCLK
PLL
t
su
-1.346
-1.396
-2.145 -2.087 -2.347 -2.264 -2.828 -2.087 -2.347 -2.264 -2.828
ns
t
h
1.663
1.711
2.634
2.592
2.899
2.786
3.369
2.592
2.899
2.786
3.369
ns
SSTL-15
CLASS I
GCLK
t
su
-1.162
-1.106
-1.718 -1.799 -1.954 -1.818 -2.253 -1.799 -1.954 -1.818 -2.253
ns
t
h
1.310
1.254
1.940
2.027
2.204
2.052
2.490
2.027
2.204
2.052
2.490
ns
GCLK
PLL
t
su
-1.335
-1.385
-2.134 -2.076 -2.328 -2.245 -2.809 -2.076 -2.328 -2.245 -2.809
ns
t
h
1.652
1.700
2.622
2.581
2.880
2.767
3.350
2.581
2.880
2.767
3.350
ns
1.8-V HSTL
CLASS I
GCLK
t
su
-1.162
-1.106
-1.718 -1.799 -1.954 -1.818 -2.253 -1.799 -1.954 -1.818 -2.253
ns
t
h
1.310
1.254
1.940
2.027
2.204
2.052
2.490
2.027
2.204
2.052
2.490
ns
GCLK
PLL
t
su
-1.335
-1.385
-2.134 -2.076 -2.328 -2.245 -2.809 -2.076 -2.328 -2.245 -2.809
ns
t
h
1.652
1.700
2.622
2.581
2.880
2.767
3.350
2.581
2.880
2.767
3.350
ns
1.8-V HSTL
CLASS II
GCLK
t
su
-1.173
-1.117
-1.729 -1.810 -1.973 -1.837 -2.272 -1.810 -1.973 -1.837 -2.272
ns
t
h
1.321
1.265
1.952
2.038
2.223
2.071
2.509
2.038
2.223
2.071
2.509
ns
GCLK
PLL
t
su
-1.346
-1.396
-2.145 -2.087 -2.347 -2.264 -2.828 -2.087 -2.347 -2.264 -2.828
ns
t
h
1.663
1.711
2.634
2.592
2.899
2.786
3.369
2.592
2.899
2.786
3.369
ns
1.5-V HSTL
CLASS I
GCLK
t
su
-1.173
-1.117
-1.729 -1.810 -1.973 -1.837 -2.272 -1.810 -1.973 -1.837 -2.272
ns
t
h
1.321
1.265
1.952
2.038
2.223
2.071
2.509
2.038
2.223
2.071
2.509
ns
GCLK
PLL
t
su
-1.346
-1.396
-2.145 -2.087 -2.347 -2.264 -2.828 -2.087 -2.347 -2.264 -2.828
ns
t
h
1.663
1.711
2.634
2.592
2.899
2.786
3.369
2.592
2.899
2.786
3.369
ns
1.5-V HSTL
CLASS II
GCLK
t
su
-1.162
-1.106
-1.718 -1.799 -1.954 -1.818 -2.253 -1.799 -1.954 -1.818 -2.253
ns
t
h
1.310
1.254
1.940
2.027
2.204
2.052
2.490
2.027
2.204
2.052
2.490
ns
GCLK
PLL
t
su
-1.335
-1.385
-2.134 -2.076 -2.328 -2.245 -2.809 -2.076 -2.328 -2.245 -2.809
ns
t
h
1.652
1.700
2.622
2.581
2.880
2.767
3.350
2.581
2.880
2.767
3.350
ns
Table 1–131. EP3SE260 Column Pins Input Timing Parameters (Part 2 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com