Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 305 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 305 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 301Page - Altera Corporation EP3SL150 Datasheet HTML 302Page - Altera Corporation EP3SL150 Datasheet HTML 303Page - Altera Corporation EP3SL150 Datasheet HTML 304Page - Altera Corporation EP3SL150 Datasheet HTML 305Page - Altera Corporation EP3SL150 Datasheet HTML 306Page - Altera Corporation EP3SL150 Datasheet HTML 307Page - Altera Corporation EP3SL150 Datasheet HTML 308Page - Altera Corporation EP3SL150 Datasheet HTML 309Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–295
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
3.3-V
LVCMOS
4mA
GCLK
tco
3.658
3.906
5.671 5.870 6.489 6.261 6.714 6.069 6.542 6.261 6.714
ns
GCLK
PLL
t
co
1.592
1.789
2.236 2.327 2.510 2.494 2.459 2.447 2.637 2.494 2.459
ns
8mA
GCLK
t
co
3.460
3.711
5.420 5.616 6.218 6.005 6.456 5.801 6.324 6.005 6.456
ns
GCLK
PLL
tco
1.394
1.580
1.985 2.067 2.239 2.260 2.188 2.179 2.363 2.260 2.188
ns
3.0-V
LVTTL
4mA
GCLK
t
co
3.602
3.848
5.615 5.818 6.441 6.213 6.666 6.020 6.496 6.213 6.666
ns
GCLK
PLL
t
co
1.536
1.731
2.180 2.275 2.462 2.446 2.411 2.398 2.590 2.446 2.411
ns
8mA
GCLK
t
co
3.477
3.721
5.463 5.659 6.277 6.049 6.502 5.858 6.351 6.049 6.502
ns
GCLK
PLL
t
co
1.411
1.604
2.028 2.116 2.298 2.282 2.247 2.236 2.426 2.282 2.247
ns
12mA
GCLK
tco
3.438
3.678
5.381 5.576 6.189 5.961 6.414 5.772 6.277 5.961 6.414
ns
GCLK
PLL
t
co
1.372
1.553
1.946 2.033 2.210 2.211 2.159 2.150 2.333 2.211 2.159
ns
3.0-V
LVCMOS
4mA
GCLK
t
co
3.516
3.767
5.510 5.711 6.330 6.102 6.555 5.912 6.387 6.102 6.555
ns
GCLK
PLL
t
co
1.450
1.650
2.075 2.168 2.351 2.335 2.300 2.290 2.479 2.335 2.300
ns
8mA
GCLK
t
co
3.416
3.662
5.351 5.545 6.150 5.928 6.379 5.732 6.249 5.928 6.379
ns
GCLK
PLL
t
co
1.350
1.531
1.911 1.994 2.171 2.183 2.120 2.110 2.293 2.183 2.120
ns
2.5 V
4mA
GCLK
t
co
3.628
3.884
5.748 5.972 6.613 6.385 6.838 6.180 6.648 6.385 6.838
ns
GCLK
PLL
t
co
1.562
1.767
2.313 2.429 2.634 2.618 2.583 2.558 2.769 2.618 2.583
ns
8mA
GCLK
tco
3.518
3.785
5.593 5.809 6.443 6.215 6.668 6.013 6.504 6.215 6.668
ns
GCLK
PLL
t
co
1.452
1.668
2.158 2.266 2.464 2.448 2.413 2.391 2.595 2.448 2.413
ns
12mA
GCLK
t
co
3.472
3.718
5.482 5.690 6.317 6.089 6.542 5.890 6.409 6.089 6.542
ns
GCLK
PLL
t
co
1.406
1.592
2.047 2.147 2.338 2.338 2.287 2.268 2.465 2.338 2.287
ns
1.8 V
2mA
GCLK
t
co
3.886
4.170
6.174 6.450 7.088 6.750 7.260 6.640 7.070 6.750 7.260
ns
GCLK
PLL
t
co
1.787
2.014
2.698 2.822 3.109 3.100 3.058 2.988 3.253 3.100 3.058
ns
4mA
GCLK
t
co
3.661
3.968
5.848 6.082 6.683 6.390 6.855 6.275 6.709 6.390 6.855
ns
GCLK
PLL
t
co
1.562
1.812
2.372 2.454 2.704 2.695 2.653 2.623 2.847 2.695 2.653
ns
6mA
GCLK
tco
3.596
3.866
5.694 5.932 6.524 6.289 6.709 6.107 6.603 6.289 6.709
ns
GCLK
PLL
t
co
1.497
1.710
2.218 2.304 2.545 2.536 2.494 2.455 2.674 2.536 2.494
ns
8mA
GCLK
t
co
3.536
3.792
5.617 5.839 6.428 6.224 6.644 6.012 6.531 6.224 6.644
ns
GCLK
PLL
t
co
1.437
1.649
2.141 2.227 2.449 2.440 2.398 2.360 2.580 2.440 2.398
ns
Table 1–134. EP3SE260 Row Pins Output Timing Parameters (Part 2 of 5)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com