Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 307 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 307 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 303Page - Altera Corporation EP3SL150 Datasheet HTML 304Page - Altera Corporation EP3SL150 Datasheet HTML 305Page - Altera Corporation EP3SL150 Datasheet HTML 306Page - Altera Corporation EP3SL150 Datasheet HTML 307Page - Altera Corporation EP3SL150 Datasheet HTML 308Page - Altera Corporation EP3SL150 Datasheet HTML 309Page - Altera Corporation EP3SL150 Datasheet HTML 310Page - Altera Corporation EP3SL150 Datasheet HTML 311Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–297
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
SSTL-18
CLASS II
8mA
GCLK
tco
3.457
3.707
5.473 5.686 6.260 6.090 6.510 5.853 6.393 6.090 6.510
ns
GCLK
PLL
t
co
1.358
1.572
2.015 2.104 2.295 2.272 2.230 2.201 2.430 2.272 2.230
ns
16mA
GCLK
t
co
3.451
3.702
5.472 5.687 6.262 6.100 6.520 5.855 6.404 6.100 6.520
ns
GCLK
PLL
tco
1.352
1.575
2.021 2.112 2.305 2.274 2.233 2.203 2.441 2.274 2.233
ns
SSTL-15
CLASS I
4mA
GCLK
t
co
3.493
3.744
5.523 5.740 6.318 6.132 6.552 5.906 6.434 6.132 6.552
ns
GCLK
PLL
t
co
1.394
1.596
2.050 2.142 2.339 2.330 2.288 2.254 2.471 2.330 2.288
ns
6mA
GCLK
t
co
3.470
3.722
5.505 5.723 6.301 6.122 6.542 5.890 6.425 6.122 6.542
ns
GCLK
PLL
t
co
1.371
1.582
2.039 2.132 2.327 2.313 2.271 2.238 2.462 2.313 2.271
ns
8mA
GCLK
tco
3.453
3.705
5.488 5.705 6.283 6.109 6.529 5.872 6.412 6.109 6.529
ns
GCLK
PLL
t
co
1.354
1.570
2.026 2.119 2.314 2.295 2.253 2.220 2.449 2.295 2.253
ns
1.8-V
HSTL
CLASS I
4mA
GCLK
t
co
3.472
3.720
5.479 5.691 6.263 6.088 6.508 5.857 6.390 6.088 6.508
ns
GCLK
PLL
t
co
1.373
1.578
2.014 2.102 2.293 2.275 2.233 2.205 2.427 2.275 2.233
ns
6mA
GCLK
t
co
3.460
3.708
5.470 5.683 6.255 6.087 6.507 5.849 6.390 6.087 6.507
ns
GCLK
PLL
t
co
1.361
1.572
2.012 2.101 2.292 2.267 2.225 2.197 2.427 2.267 2.225
ns
8mA
GCLK
t
co
3.447
3.696
5.462 5.674 6.247 6.080 6.500 5.841 6.383 6.080 6.500
ns
GCLK
PLL
t
co
1.348
1.564
2.005 2.094 2.285 2.259 2.217 2.189 2.420 2.259 2.217
ns
10mA
GCLK
tco
3.449
3.698
5.464 5.677 6.250 6.084 6.504 5.844 6.386 6.084 6.504
ns
GCLK
PLL
t
co
1.350
1.566
2.008 2.097 2.289 2.262 2.220 2.192 2.423 2.262 2.220
ns
12mA
GCLK
t
co
3.442
3.693
5.462 5.676 6.250 6.087 6.507 5.844 6.391 6.087 6.507
ns
GCLK
PLL
t
co
1.343
1.563
2.010 2.100 2.292 2.262 2.220 2.192 2.428 2.262 2.220
ns
1.8-V
HSTL
CLASS II
16mA
GCLK
t
co
3.448
3.697
5.457 5.668 6.241 6.083 6.503 5.835 6.385 6.083 6.503
ns
GCLK
PLL
t
co
1.349
1.571
2.008 2.097 2.288 2.253 2.216 2.183 2.422 2.253 2.216
ns
1.5-V
HSTL
CLASS I
4mA
GCLK
t
co
3.479
3.727
5.490 5.704 6.278 6.099 6.519 5.869 6.401 6.099 6.519
ns
GCLK
PLL
t
co
1.380
1.584
2.023 2.112 2.304 2.290 2.248 2.217 2.438 2.290 2.248
ns
6mA
GCLK
tco
3.467
3.717
5.486 5.700 6.274 6.101 6.521 5.866 6.404 6.101 6.521
ns
GCLK
PLL
t
co
1.368
1.579
2.024 2.114 2.306 2.286 2.244 2.214 2.441 2.286 2.244
ns
8mA
GCLK
t
co
3.463
3.712
5.480 5.694 6.268 6.096 6.516 5.860 6.398 6.096 6.516
ns
GCLK
PLL
t
co
1.364
1.575
2.019 2.109 2.301 2.280 2.238 2.208 2.435 2.280 2.238
ns
Table 1–134. EP3SE260 Row Pins Output Timing Parameters (Part 4 of 5)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com