Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 330 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 330 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 326Page - Altera Corporation EP3SL150 Datasheet HTML 327Page - Altera Corporation EP3SL150 Datasheet HTML 328Page - Altera Corporation EP3SL150 Datasheet HTML 329Page - Altera Corporation EP3SL150 Datasheet HTML 330Page - Altera Corporation EP3SL150 Datasheet HTML 331Page - Altera Corporation EP3SL150 Datasheet HTML 332Page - Altera Corporation EP3SL150 Datasheet HTML 333Page - Altera Corporation EP3SL150 Datasheet HTML 334Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 341 page
background image
1–320
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–180 and Table 1–181 list the regional clock timing parameters for EP3SE50
devices.
Table 1–182 and Table 1–183 list the periphery clock timing parameters for EP3SE50
devices.
Table 1–180. EP3SE50 Column Pin Regional Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.711
1.721
2.429
2.679
3.053
2.767
3.191
2.679
3.053
2.767
3.191
ns
t
COUT
1.711
1.721
2.429
2.679
3.053
2.767
3.191
2.679
3.053
2.767
3.191
ns
t
PLLCIN
0.034
0.038
-0.193
-0.255
-0.212
-0.168
0.040
-0.255
0.263
-0.168
0.040
ns
t
PLLCOUT
0.106
0.102
-0.074
-0.101
-0.212
-0.168
0.040
-0.101
0.263
-0.168
0.040
ns
Table 1–181. EP3SE50 Row Pin Regional Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.640
1.732
2.361
2.580
2.905
2.810
2.977
2.636
2.960
2.868
3.003
ns
t
COUT
1.558
1.641
2.219
2.417
2.724
2.639
2.818
2.466
2.771
2.689
2.844
ns
t
PLLCIN
0.020
0.091
-0.168
-0.241
-0.208
-0.155
-0.210
-0.191
0.321
-0.108
-0.264
ns
t
PLLCOUT
-0.062
0.000
-0.310
-0.404
-0.389
-0.326
-0.369
-0.361
0.132
-0.287
-0.423
ns
Table 1–182. EP3SE50 Column Pin Periphery Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.472
1.481
2.155
2.417
2.825
2.681
3.247
2.417
2.819
2.681
3.247
ns
t
COUT
1.472
1.481
2.155
2.417
2.825
2.681
3.247
2.417
2.819
2.681
3.247
ns
t
PLLCIN
-0.047
-0.044
-0.288
-0.347
-0.302
-0.266
-0.079
-0.347
0.300
-0.266
-0.079
ns
t
PLLCOUT
-0.047
-0.044
-0.288
-0.347
-0.302
-0.266
-0.079
-0.347
0.300
-0.266
-0.079
ns
Table 1–183. EP3SE50 Row Pin Periphery Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.467
1.543
2.208
2.472
2.843
2.729
3.012
2.521
2.891
2.771
3.028
ns
t
COUT
1.385
1.452
2.063
2.309
2.662
2.558
2.853
2.351
2.702
2.592
2.869
ns
t
PLLCIN
-0.021
0.036
-0.231
-0.307
-0.282
-0.230
-0.301
-0.262
0.372
-0.184
-0.361
ns
t
PLLCOUT
-0.103
-0.055
-0.373
-0.470
-0.463
-0.401
-0.460
-0.432
0.183
-0.363
-0.520
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com