Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 333 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 333 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 329Page - Altera Corporation EP3SL150 Datasheet HTML 330Page - Altera Corporation EP3SL150 Datasheet HTML 331Page - Altera Corporation EP3SL150 Datasheet HTML 332Page - Altera Corporation EP3SL150 Datasheet HTML 333Page - Altera Corporation EP3SL150 Datasheet HTML 334Page - Altera Corporation EP3SL150 Datasheet HTML 335Page - Altera Corporation EP3SL150 Datasheet HTML 336Page - Altera Corporation EP3SL150 Datasheet HTML 337Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–323
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–192 and Table 1–193 list the regional clock timing parameters for EP3SE110
devices.
Table 1–194 and Table 1–195 list the periphery clock timing parameters for EP3SE110
devices.
Table 1–192. EP3SE110 Column Pin Regional Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.828
1.849
2.578
2.811
3.155
3.082
3.560
2.811
3.155
3.082
3.560
ns
t
COUT
1.828
1.849
2.578
2.811
3.155
3.082
3.560
2.811
3.155
3.082
3.560
ns
t
PLLCIN
-0.008
-0.022
-0.254
-0.299
-0.255
-0.186
-0.021
-0.299
-0.255
-0.186
-0.021
ns
t
PLLCOUT
-0.008
-0.022
-0.254
-0.299
-0.255
-0.186
-0.021
-0.299
-0.255
-0.186
-0.021
ns
Table 1–193. EP3SE110 Row Pin Regional Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.798
1.924
2.631
2.860
3.204
3.101
3.332
2.920
3.268
3.163
3.373
ns
t
COUT
1.716
1.833
2.489
2.697
3.023
2.930
3.173
2.750
3.079
2.984
3.214
ns
t
PLLCIN
0.001
0.076
-0.188
-0.262
-0.231
-0.184
-0.229
-0.218
-0.180
-0.134
-0.277
ns
t
PLLCOUT
-0.081
-0.015
-0.330
-0.425
-0.412
-0.355
-0.388
-0.388
-0.369
-0.313
-0.436
ns
Table 1–194. EP3SE110 Column Pin Periphery Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.564
1.585
2.309
2.566
2.951
2.843
3.398
2.566
2.951
2.843
3.398
ns
t
COUT
1.564
1.584
2.308
2.566
2.951
2.843
3.398
2.566
2.951
2.843
3.398
ns
t
PLLCIN
-0.019
-0.019
-0.245
-0.310
-0.267
-0.194
-0.018
-0.310
-0.267
-0.194
-0.018
ns
t
PLLCOUT
-0.019
-0.019
-0.245
-0.310
-0.267
-0.194
-0.018
-0.310
-0.267
-0.194
-0.018
ns
Table 1–195. EP3SE110 Row Pin Periphery Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.423
1.502
2.156
2.411
2.781
2.659
2.934
2.455
2.826
2.704
2.949
ns
t
COUT
1.341
1.411
2.011
2.248
2.600
2.488
2.775
2.285
2.637
2.525
2.790
ns
t
PLLCIN
0.001
0.069
-0.195
-0.271
-0.241
-0.188
-0.238
-0.222
-0.190
-0.139
-0.288
ns
t
PLLCOUT
-0.081
-0.022
-0.337
-0.434
-0.422
-0.359
-0.397
-0.392
-0.379
-0.318
-0.447
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com