Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 338 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 338 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 333Page - Altera Corporation EP3SL150 Datasheet HTML 334Page - Altera Corporation EP3SL150 Datasheet HTML 335Page - Altera Corporation EP3SL150 Datasheet HTML 336Page - Altera Corporation EP3SL150 Datasheet HTML 337Page - Altera Corporation EP3SL150 Datasheet HTML 338Page - Altera Corporation EP3SL150 Datasheet HTML 339Page - Altera Corporation EP3SL150 Datasheet HTML 340Page - Altera Corporation EP3SL150 Datasheet HTML 341Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 338 / 341 page
background image
1–328
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
Glossary
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
S
SW (sampling
window)
The period of time during which the data must be valid in order to capture it correctly. The
setup and hold times determine the ideal strobe position within the sampling window (the
following figure):
Timing Diagram
Single-ended
Voltage
Referenced I/O
Standard
The JEDEC standard for SSTl and HSTL I/O standards defines both the AC and DC input
signal values. The AC values indicate the voltage levels at which the receiver must meet its
timing specifications. The DC values indicate the voltage levels at which the final logic state of
the receiver is unambiguously defined. After the receiver input has crossed the AC value, the
receiver changes to the new logic state.
The new logic state is maintained as long as the input stays beyond the DC threshold. This
approach is intended to provide predictable receiver timing in the presence of input waveform
ringing (The following figure):
Single-Ended Voltage Referenced I/O Standard
T
tC
High-Speed receiver/transmitter input and output clock period.
TCCS (channel-
to-channel-skew)
The timing difference between the fastest and slowest output edges, including tco variation
and clock skew, across channels driven by the same PLL. The clock is included in the TCCS
measurement (refer to the Timing Diagram figure under S in this table)
tDUTY
High-Speed I/O Block: Duty cycle on high-speed transmitter output clock.
Timing Unit Interval (TUI)
The timing budget allowed for skew, propagation delays, and data sampling window. (TUI =
1/(Receiver Input Clock Frequency Multiplication Factor) = tC/w)
tFA LL
Signal high-to-low transition time (80-20%)
tIN CC J
Cycle-to-cycle jitter tolerance on PLL clock input
tOUTPJ _I O
Period jitter on general purpose I/O driven by a PLL
tOU T PJ _D C
Period jitter on dedicated clock output driven by a PLL
tRISE
Signal low-to-high transition time (20-80%)
U
——
Table 1.
Glossary Table (Part 3 of 4)
Letter
Subject
Definitions
Bit Time
0.5 x TCCS
RSKM
Sampling Window
(SW)
RSKM
0.5 x TCCS
VIH(AC)
VIH(DC)
VREF
VIL(DC)
VIL(AC)
VOH
VOL
VCCIO
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com