Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 21 Page - Altera Corporation

Part # EP2C8A
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 21 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 17Page - Altera Corporation EP2C8A Datasheet HTML 18Page - Altera Corporation EP2C8A Datasheet HTML 19Page - Altera Corporation EP2C8A Datasheet HTML 20Page - Altera Corporation EP2C8A Datasheet HTML 21Page - Altera Corporation EP2C8A Datasheet HTML 22Page - Altera Corporation EP2C8A Datasheet HTML 23Page - Altera Corporation EP2C8A Datasheet HTML 24Page - Altera Corporation EP2C8A Datasheet HTML 25Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 182 page
background image
Package Information Datasheet for Mature Altera Devices
21
Device and Package Cross Reference
© December 2011
Altera Corporation
Package Information Datasheet for Mature Altera Devices
Excalibur Devices
Table 22 lists the device name, package type, and number of pins for the Excalibur
device family.
1 The package type entries with “Option #” refer to instances where multiple package
options exist for a given package type and pin count. The option number identifies the
specific type used by the corresponding device density.
EPF6016
TQFP, Wire Bond
144
PQFP, Wire Bond
208
PQFP, Wire Bond
240
BGA, Wire Bond, Option 2
256
EPF6016A
TQFP, Wire Bond
100
FBGA, Wire Bond
100
TQFP, Wire Bond
144
PQFP, Wire Bond
208
FBGA, Wire Bond, Option 1
256
EPF6024A
TQFP, Wire Bond
144
PQFP, Wire Bond
208
PQFP, Wire Bond
240
BGA, Wire Bond, Option 2
256
FBGA, Wire Bond, Option 1
256
EPF8282A
PLCC, Wire Bond
84
TQFP, Wire Bond
100
EPF8452A
TQFP, Wire Bond
100
PQFP, Wire Bond
160
Table 21. FLEX 10KE Devices (Part 3 of 3)
Device
Package
Pins
Table 22. Excalibur Devices
Device
Package
Pins
EPXA1
FBGA, Wire Bond, Option 2
484
Dual-Piece Lid: FBGA, Flip Chip, Option 1
672
EPXA4
Dual-Piece Lid: FBGA, Flip Chip, Option 1
672
Dual-Piece Lid: FBGA, Flip Chip, Option 1
1020
EPXA10
Dual-Piece Lid: FBGA, Flip Chip, Option 1
1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com