Electronic Components Datasheet Search
  English  ▼

X  

EP1C3 Datasheet(PDF) 41 Page - Altera Corporation

Part # EP1C3
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C3 Datasheet(HTML) 41 Page - Altera Corporation

Back Button EP1C3 Datasheet HTML 37Page - Altera Corporation EP1C3 Datasheet HTML 38Page - Altera Corporation EP1C3 Datasheet HTML 39Page - Altera Corporation EP1C3 Datasheet HTML 40Page - Altera Corporation EP1C3 Datasheet HTML 41Page - Altera Corporation EP1C3 Datasheet HTML 42Page - Altera Corporation EP1C3 Datasheet HTML 43Page - Altera Corporation EP1C3 Datasheet HTML 44Page - Altera Corporation EP1C3 Datasheet HTML 45Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 182 page
background image
Package Information Datasheet for Mature Altera Devices
41
Thermal Resistance
© December 2011
Altera Corporation
Package Information Datasheet for Mature Altera Devices
FLEX 8000 Devices
Table 41 lists the thermal resistance of FLEX 8000 devices.
EPF10K130E
PQFP
240
4.0
21.0
19.0
17.0
15.0
BGA
356
1.0
12.0
11.0
10.0
9.0
FBGA
484
5.0
23.0
22.0
21.0
20.0
BGA
600
0.5
10.0
9.0
8.0
7.0
FBGA
672
5.0
21.0
20.0
19.0
18.0
EPF10K200E
PGA
599
1.0
8.0
7.0
6.0
4.0
BGA
600
0.5
10.0
9.0
8.0
7.0
FBGA
672
5.0
20.0
19.0
18.0
17.0
EPF10K200S
RQFP
240
1.0
13.0
11.0
10.0
9.0
BGA
356
1.0
12.0
11.0
10.0
9.0
FBGA
484
5.0
22.0
21.0
20.0
19.0
BGA
600
0.5
10.0
9.0
8.0
7.0
FBGA
672
5.0
21.0
20.0
19.0
18.0
EPF10K250A
PGA
599
1.0
8.0
7.0
6.0
4.0
BGA
600
0.5
10.0
9.0
8.0
7.0
Notes to Table 40:
(1) With attached pin-fin heat sink.
(2) With attached motor-driven fan heat sink.
Table 40. Thermal Resistance of FLEX 10K Devices (Part 3 of 3)
Device
Package
Pin
Count
JC (° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.
Table 41. Thermal Resistance of FLEX 8000 Devices (Part 1 of 2)
Device
Package
Pin
Count
JC (° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.
EPF8282A
PLCC
84
10.0
30.0
28.0
26.0
23.0
TQFP
100
11.0
36.0
34.0
32.0
29.0
EPF8452A
PLCC
84
10.0
30.0
28.0
26.0
23.0
TQFP
100
11.0
35.0
33.0
31.0
28.0
PQFP
160
6.0
32.0
31.0
30.0
28.0
EPF8636A
PLCC
84
10.0
29.0
28.0
26.0
23.0
PQFP
160
6.0
32.0
31.0
30.0
27.0
PGA
192
6.0
16.0
11.0
8.0
6.0
PQFP
208
5.0
30.0
38.0
26.0
20.0
RQFP
208
1.0
17.0
16.0
15.0
14.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com