Electronic Components Datasheet Search
  English  ▼

X  

2KBP01M Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # 2KBP01M
Description  Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

2KBP01M Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  2KBP01M Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 2KBP01M Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120305
2KBP005M THRU 2KBP10M
Glass Passivated Single-Phase Bridge Rectifier
Reverse Voltage 50 to 1000 V Forward Current 2.0 A
FEATURES
•
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
•
This series is UL listed under Recognized Component
Index, file number E54214
•
Typical IR less than 0.1μA
•
High case dielectric strength
•
Ideal for printed circuit boards
•
High temperature soldering guaranteed:
260°C/10 seconds at 5 lbs. (2.3kg) tension
•
High temperature soldering : 260
OC / 10 seconds at terminals
•
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
•
Case: Molded plastic body over passivated junctions
•
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
•
Polarity: Polarity symbols marked on case
•
Mounting Position: Any
•
Weight: 0.06 oz., 1.7 g
•
Packaging codes/options:
1/600 EA. per Bulk Tray Stack
Maximum Ratings & Thermal Characteristics
Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbols
2KBP
005M
2KBP
01M
2KBP
02M
2KBP
04M
2KBP
06M
2KBP
08M
2KBP
10M
Units
* Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
* Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
* Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward output rectified
current at
TA=55°C
IF(AV)
2.0
A
* Peak forward surge current single half sine-wave
superimposed on rated load (JEDEC Method)
TJ=150°C
IFSM
60
A
Rating for fusing (t < 8.3ms)
I2t
15
A2sec
Typical thermal resistance per leg (1)
RΘJA
RΘJL
30
11
°C/W
* Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°
C
Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwise specified.
* Maximum instantaneous forward voltage drop
per leg at 2A
VF
1.1
V
* Maximum DC reverse current TA=25°C
at rated DC blocking voltage per leg TA=125°C
IR
5.0
500
μ
A
Typical junction capacitance per leg at 4.0V, 1MHZ
CJ
25
pF
Notes: (1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with, 0.47 x 0.47" (12 x12mm) copper pads
* JEDEC registered values
KBPM Unit:inch(mm)
0.125 x 45
o
(3.2)
0.600 (15.24)
0.560 (14.22)
0.034 (0.86)
0.028 (0.76)
0.160 (4.1)
0.140 (3.6)
0.039
(1.0)
Polarity shown on front side of case: positive lead by beveled corner
0.460 (11.68)
0.420 (10.67)
0.500 (12.70)
0.460 (11.68)
60
(15.2)
MIN.
0.50
(12.7)
MIN.
DIA.
Dimensions in inches and (millimeters)
0.1693 (4.3)
0.1456 (3.7)
0.075 (1.91)
0.049 (1.25)


Similar Part No. - 2KBP01M

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
2KBP01M TRSYS-2KBP01M Datasheet
145Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE PHASE RECTIFIER BRIDGE
logo
Won-Top Electronics
2KBP01M WTE-2KBP01M Datasheet
37Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP01M GE-2KBP01M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
2KBP01M VISHAY-2KBP01M Datasheet
174Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
08-Jul-05
logo
Fairchild Semiconductor
2KBP01M FAIRCHILD-2KBP01M Datasheet
42Kb / 3P
Bridge Rectifiers
More results

Similar Description - 2KBP01M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBJ610 ETC1-KBJ610 Datasheet
220Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 6.0 A
logo
GOOD-ARK Electronics
2W005M GOOD-ARK-2W005M Datasheet
172Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
2W005M GOOD-ARK-2W005M_15 Datasheet
173Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
logo
Kingtronics Internation...
GBU8005-GBU810 KINGTRONICS-GBU8005-GBU810 Datasheet
344Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 8.0 Ampere
GBU15005-GBU1510 KINGTRONICS-GBU15005-GBU1510 Datasheet
330Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 15 Ampere
GBPC50005-GBPC5010 KINGTRONICS-GBPC50005-GBPC5010 Datasheet
367Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
GBPC50005W-GBPC5010W KINGTRONICS-GBPC50005W-GBPC5010W Datasheet
374Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
S50VB005-S50VB100 KINGTRONICS-S50VB005-S50VB100 Datasheet
363Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
logo
First Silicon Co., Ltd
2W005 FS-2W005 Datasheet
227Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage 50 to 1000Volts , Forward Current 2.0 Amperes
GBP2005 FS-GBP2005 Datasheet
1Mb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volta , Forward Current 2.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com