Electronic Components Datasheet Search
  English  ▼

X  

HC210 Datasheet(PDF) 32 Page - Altera Corporation

Part # HC210
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210 Datasheet(HTML) 32 Page - Altera Corporation

Back Button HC210 Datasheet HTML 28Page - Altera Corporation HC210 Datasheet HTML 29Page - Altera Corporation HC210 Datasheet HTML 30Page - Altera Corporation HC210 Datasheet HTML 31Page - Altera Corporation HC210 Datasheet HTML 32Page - Altera Corporation HC210 Datasheet HTML 33Page - Altera Corporation HC210 Datasheet HTML 34Page - Altera Corporation HC210 Datasheet HTML 35Page - Altera Corporation HC210 Datasheet HTML 36Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 182 page
background image
32
Package Information Datasheet for Mature Altera Devices
Thermal Resistance
Package Information Datasheet for Mature Altera Devices
© December 2011
Altera Corporation
EPM7256E
PGA
192
6.0
20.0
13.0
10.0
8.0
PQFP
160
6.0
31.0
30.0
29.0
25.0
RQFP
208
1.0
17.0
16.0
15.0
13.0
EPM7256S
PQFP
208
5.0
30.0
29.0
26.0
21.0
RQFP
1.0
18.0
17.0
16.0
15.0
EPM7256AE
FBGA
100
13.0
42.0
39.0
37.0
36.0
TQFP
100
12.0
37.0
35.0
33.0
30.0
TQFP
144
9.0
33.0
29.0
27.0
25.0
PQFP
208
5.0
31.0
29.0
27.0
22.0
FBGA
256
9.0
34.0
32.0
30.0
28.0
EPM7512AE
TQFP
144
10.0
32.0
27.0
25.0
23.0
PQFP
208
5.0
30.0
28.0
25.0
21.0
BGA
256
1.2
14.0
12.0
11.0
10.0
FBGA
11.0
32.0
30.0
28.0
22.0
EPM7512B
TQFP
144
10.0
32.0
27.0
25.0
24.0
UBGA
169
12.0
35.0
33.0
31.0
30.0
PQFP
208
5.0
30.0
28.0
25.0
21.0
BGA
256
1.2
14.0
12.0
11.0
10.0
FBGA
256
11.0
32.0
30.0
28.0
27.0
Table 32. Thermal Resistance of MAX 7000 Devices (Part 3 of 3)
Device
Package
Pin
Count
JC (° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com