Electronic Components Datasheet Search
  English  ▼

X  

6TPC150M Datasheet(PDF) 13 Page - International Rectifier

Part # 6TPC150M
Description  6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

6TPC150M Datasheet(HTML) 13 Page - International Rectifier

Back Button 6TPC150M Datasheet HTML 9Page - International Rectifier 6TPC150M Datasheet HTML 10Page - International Rectifier 6TPC150M Datasheet HTML 11Page - International Rectifier 6TPC150M Datasheet HTML 12Page - International Rectifier 6TPC150M Datasheet HTML 13Page - International Rectifier 6TPC150M Datasheet HTML 14Page - International Rectifier 6TPC150M Datasheet HTML 15Page - International Rectifier 6TPC150M Datasheet HTML 16Page - International Rectifier 6TPC150M Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
IR3863MPBF
8/8/2012 Rev3.2
CIRCUIT DESCRIPTION
Selection of components for the converter is an
iterative process which involves meeting the
specifications
and
tradeoffs
between
performance and cost. The following sections
will guide one through the process.
Inductor Selection
Inductor selection involves meeting the steady
state output ripple requirement, minimizing the
switching loss of the upper MOSFET, meeting
transient
response
specifications
and
minimizing the output capacitance. The output
voltage includes a DC voltage and a small AC
ripple component due to the low pass filter
which
has
incomplete
attenuation
of
the
switching harmonics. Neglecting the inductance
in
series
with
the
output
capacitor,
the
magnitude
of
the
AC
voltage
ripple
is
determined by the total inductor ripple current
flowing through the total equivalent series
resistance (ESR) of the output capacitor bank.
(5)
L
2
V
V
T
ΔI
OUT
IN
ON
One can use equation 5 to find the required
inductance.
ΔI is defined as shown in Figure 24.
The main advantage of small inductance is
increased inductor current slew rate during a
load transient, which leads to a smaller output
capacitance requirement as discussed in the
Output Capacitor Selection section. The draw
back of using smaller inductances is increased
switching power loss in the upper MOSFET,
which
reduces
the
system
efficiency
and
increases the thermal dissipation.
COMPONENT SELECTION
Input Current
ΔI
IOUT
TS
Figure 24. Typical Input Current Waveform
OVER TEMPERATURE PROTECTION
When the IR3863 exceeds its over temperature
threshold, the MOSFET gates are tri-state and
PGOOD is pulled low. Switching resumes once
temperature drops below the over temperature
hysteresis level.
GATE DRIVE LOGIC
The gate drive logic features adaptive dead
time, diode emulation, and a minimum lower
gate interval.
An
adaptive
dead
time
prevents
the
simultaneous conduction of the upper and lower
MOSFETs. The lower gate voltage must be
below approximately 1V after PWM goes HIGH
before the upper MOSFET can be gated on.
Also, the differential voltage between the upper
gate and PHASE must be below approximately
1V after PWM goes LOW before the lower
MOSFET can be gated on.
The upper MOSFET is gated on after the
adaptive delay for PWM = HIGH and the lower
MOSFET is gated on after the adaptive delay
for PWM = LOW.
When FCCM = LOW, the lower MOSFET is
driven
‘off’ when the ZCROSS signal indicates
that the inductor current is about to reverse
direction. The ZCROSS comparator monitors
the PHASE voltage to determine when to turn
off the lower MOSFET. The lower MOSFET
stays
‘off’ until the next PWM falling edge.
When the lower peak of the inductor current is
above zero, IR3863 operates in continuous
conduction mode. The continuous conduction
mode can also be selected for all load current
levels by pulling FCCM to HIGH.
Whenever the upper MOSFET is turned
‘off’, it
stays
‘off’ for the Min Off Time denoted in the
Electrical
Specifications.
This
minimum
duration allows time to recharge the bootstrap
capacitor and allows the over current monitor
to sample the PHASE voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com