Electronic Components Datasheet Search
  English  ▼

X  

IR3897MPBF Datasheet(PDF) 33 Page - International Rectifier

Part # IR3897MPBF
Description  4A Highly Integrated SupIRBuck Single?륤nput Voltage
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3897MPBF Datasheet(HTML) 33 Page - International Rectifier

Back Button IR3897MPBF Datasheet HTML 29Page - International Rectifier IR3897MPBF Datasheet HTML 30Page - International Rectifier IR3897MPBF Datasheet HTML 31Page - International Rectifier IR3897MPBF Datasheet HTML 32Page - International Rectifier IR3897MPBF Datasheet HTML 33Page - International Rectifier IR3897MPBF Datasheet HTML 34Page - International Rectifier IR3897MPBF Datasheet HTML 35Page - International Rectifier IR3897MPBF Datasheet HTML 36Page - International Rectifier IR3897MPBF Datasheet HTML 37Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
- 33 -
JANUARY 18, 2013 |DATA SHEET |    Rev 3.5
33
IR3897 
4A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97663
computations related to the compensation. The small 
signal value may be obtained from the manufacturer’s 
datasheets, design tools or SPICE models. Alternatively, 
they may also be inferred from measuring the power 
stage transfer function of the converter and measuring 
the double pole frequency FLC and using equation (17)  
to compute the small signal Co. 
These result to: 
FLC=20.5 kHz 
FESR=5.3 MHz 
Fs/2=300 kHz  
 
Select crossover frequency F0=120 kHz 
Since FLC<F0<Fs/2<FESR, Type III is selected to place the 
pole and zeros. 
Detailed calculation of compensation Type III: 
Desired Phase Boost Θ = 70° 
2
1sin
21.2 KHz
1sin
Zo
FF



 
2
1sin
680.6 kHz
1sin
Po
FF



 
Select: 
12
0.5*
10.6 kHz and
ZZ
FF


 
3
0.5*
300 kHz
Ps
FF

 
Select C4 = 2.2nF. 
Calculate R3, C3 and C2: 
33
4
2*
*
*
*
;3.08 Ω
*
oo
o
osc
in
FL C V
R
Rk
CV

 
Select R3 = 3.01 kΩ: 
33
3
1
3
1
;
4.9 nF, Select:
10 nF
2*
*
Z
CC
C
FR

 
22
2
33
1
;
176 pF, Select:
120 pF
2*
*
P
CC
C
FR

 
Calculate R4, R5 and R6: 
44
4
42
1
;
106 Ω, Select:
100 Ω
2*
*
P
RR
R
CF

 
54
5
42
1
-
;
3.41 kΩ,
2*
*
Z
RR
R
CF

 
Select R5 = 3.32 kΩ: 
65
6
6
*;
2.37 kΩ Select:
2.37 kΩ
-
ref
oref
V
RR R
R
VV

 
Setting the Power Good Threshold 
In this design IR3897 is used in normal (non‐tracking,  
non‐sequencing) mode, therefore the PGood thresholds are 
internally set at 90% and 120% of Vref. At startup as soon as 
Vsns voltage reaches 0.9*0.5V=0.45V (Fig. 15), after 1.28ms 
delay, PGood signal is asserted. As long as the Vsns voltage  
is between the threshold range, Enable is high, and no fault 
happens, the PGood remains high. 
The following formula can be used to set the threshold. 
VoutPGood_Th can be taken as 90% of Vout. Choose R7=3.32KΩ: 
_
*0.9 * 7
8
(34)
*0.9
82.37
PGood Th
Vref
R
R
Vout
Vref
RK

 
The PGood is an open drain output. Hence, it is necessary to 
use a pull up resistor, RPG, from PGood pin to Vcc. The value 
of the pull‐up resistor must be chosen such as to limit the 
current flowing into the PGood pin to less than 5mA when  
the output voltage is not in regulation. A typical value used  
is 49.9kΩ. 
OVP comparator also uses Vsns signal for over Voltage 
dectection.With above values for R7 and R8, OVP trip point 
(Vout_OVP) is 
_
*1.2 * ( 7
8) / 8 1.44
(35)
OVP
Vout
Vref
R
R
R
V

 
Vref Bypass Capacitor 
A minimum value of  100pF bypass capacitor is recommended 
to be placed between Vref and Gnd pins.This capacitor should 
be placed as close as possible to Vref pin..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com