Electronic Components Datasheet Search
  English  ▼

X  

IRF103IPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF103IPBF
Description  Adavanced Process Technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF103IPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF103IPBF Datasheet HTML 1Page - International Rectifier IRF103IPBF Datasheet HTML 2Page - International Rectifier IRF103IPBF Datasheet HTML 3Page - International Rectifier IRF103IPBF Datasheet HTML 4Page - International Rectifier IRF103IPBF Datasheet HTML 5Page - International Rectifier IRF103IPBF Datasheet HTML 6Page - International Rectifier IRF103IPBF Datasheet HTML 7Page - International Rectifier IRF103IPBF Datasheet HTML 8Page - International Rectifier IRF103IPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
l
Adavanced Process Technology
l
Ultra Low On-Resistance
l
Dual N-Channel MOSFET
l
Surface Mount
l
Available in Tape & Reel
l
Dynamic dv/dt Rating
l
Fast Switching
l
Lead-Free
Description
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
dual-die capability making it ideal in a variety of power
applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
Power dissipation of greater than 0.8W is possible in
a typical PCB mount application.
IRF7103IPbF
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
VDSS = 50V
RDS(on) = 0.130Ω
ID = 3.0A
02/09/10
Absolute Maximum Ratings
Thermal Resistance Ratings
SO-8
www.irf.com
1
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
3.0
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
2.3
IDM
Pulsed Drain Current 
10
PD @TA = 25°C
Power Dissipation
2.0
Linear Derating Factor
0.016
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt ‚
4.5
V/nS
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
A
W
°C
Parameter
Min.
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
–––
62.5
°C/W
PD -96085A


Similar Part No. - IRF103IPBF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IRF100 ETC-IRF100 Datasheet
84Kb / 2P
50W to 500W HIGH POWER WIRE WOUND RESISTORS FLAT SHAPED ALUMINUM HOUSED
logo
International Rectifier
IRF100B201 IRF-IRF100B201 Datasheet
622Kb / 12P
Brushed Motor drive applications
logo
Inchange Semiconductor ...
IRF100B201 ISC-IRF100B201 Datasheet
338Kb / 2P
N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
IRF100B201 UMW-IRF100B201 Datasheet
844Kb / 9P
100 V N-Channel MOSFET
logo
International Rectifier
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
Brushed Motor drive applications
More results

Similar Description - IRF103IPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7103TRPBF IRF-IRF7103TRPBF Datasheet
309Kb / 10P
adavanced process technology
IRF7205TRPBF IRF-IRF7205TRPBF Datasheet
278Kb / 9P
Adavanced Process Technology
IRF7204TRPBF IRF-IRF7204TRPBF Datasheet
249Kb / 9P
Adavanced Process Technology
IRL530NPBF IRF-IRL530NPBF Datasheet
466Kb / 11P
Adavanced Process Technology
IRF7101TRPBF IRF-IRF7101TRPBF Datasheet
281Kb / 9P
Adavanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
logo
Alliance Semiconductor ...
AS6C8016A ALSC-AS6C8016A Datasheet
469Kb / 12P
Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com