Electronic Components Datasheet Search
  English  ▼

X  

THS1031IPW Datasheet(PDF) 19 Page - Texas Instruments

Part # THS1031IPW
Description  3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1031IPW Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS1031IPW Datasheet HTML 15Page - Texas Instruments THS1031IPW Datasheet HTML 16Page - Texas Instruments THS1031IPW Datasheet HTML 17Page - Texas Instruments THS1031IPW Datasheet HTML 18Page - Texas Instruments THS1031IPW Datasheet HTML 19Page - Texas Instruments THS1031IPW Datasheet HTML 20Page - Texas Instruments THS1031IPW Datasheet HTML 21Page - Texas Instruments THS1031IPW Datasheet HTML 22Page - Texas Instruments THS1031IPW Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
THS1031
3-V TO 5.5-V, 10-BIT, 30 MSPS
CMOS ANALOG-TO-DIGITAL CONVERTER
SLAS242E – NOVEMBER 1999 – REVISED MARCH 2002
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
top/bottom mode (MODE = AVDD)
Sample
and
Hold
1
–1/2
–1/2
ADC
Core
PGA
REFTF = AVDD + (REFTS – REFBS)
AIN+
REFTS
REFBS
Internal
Reference
Buffer
REFBF = AVDD – (REFTS – REFBS)
2
2
Figure 18. ADC Reference Generation Mode = AVDD
Connecting MODE to AVDD enables the internal reference buffer. Its inputs are internally switched to the REFTS
and REFBS pins and its outputs internally switched to pins REFTF and REFBF. The internal connections
(REFTS to REFTF) and (REFBS to REFBF) are broken.
To match the signal span to the full ADC input span, the voltage difference between REFTS and REFBS should
be REFTS – REFBS = [(FS+) – (FS–)]
× Gain, with the average of the REFTS and REFBS voltages being the
AIN midscale voltage, VM.
Typically, REFSENSE is tied to AVDD to disable the ORG output to VREF (as in Figure 19), but the user can
choose to use the ORG output to VREF as either REFTS or REFBS.
AIN
REFTS
REFBS
REFTF
REFBF
REFSENSE
MODE
AVDD
+FS
–FS
DC SOURCE = VM + [(FS+) – (FS–)]
×
DC SOURCE =VM – [(FS+) – (FS–)]
×
0.1
µF
10
µF
0.1
µF
0.1
µF
GAIN
2
GAIN
2
Figure 19. ADC Reference Generation Mode = AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com