Electronic Components Datasheet Search
  English  ▼

X  

TPS2201IDBLE Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS2201IDBLE
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2201IDBLE Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2201IDBLE Datasheet HTML 17Page - Texas Instruments TPS2201IDBLE Datasheet HTML 18Page - Texas Instruments TPS2201IDBLE Datasheet HTML 19Page - Texas Instruments TPS2201IDBLE Datasheet HTML 20Page - Texas Instruments TPS2201IDBLE Datasheet HTML 21Page - Texas Instruments TPS2201IDBLE Datasheet HTML 22Page - Texas Instruments TPS2201IDBLE Datasheet HTML 23Page - Texas Instruments TPS2201IDBLE Datasheet HTML 24Page - Texas Instruments TPS2201IDBLE Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
TPS2201
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES
FOR PARALLEL PCMCIA CONTROLLERS
SLVS094C – AUGUST 1994 – REVISED JANUARY 2001
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
A_VCC5
A_VCC3
A_VPP_VCC
A_VPP_PGM
B_VCC5
B_VCC3
B_VPP_VCC
B_VPP_PGM
APWR_GOOD
A_VCC _EN0
A_VCC _EN1
A_Vpp _EN0
A_Vpp _EN1
B_VCC _EN0
B_VCC _EN1
B_Vpp _EN0
B_Vpp _EN1
A:GPI
B:GPI
Vpp1
Vpp2
VCC
Vpp1
Vpp2
VCC
CS
SHDN
PC Card
Connector B
PC Card
Connector A
INTEL
82365SL DF
AVCC
AVCC
AVCC
BVCC
BVCC
BVCC
AVPP
AVPP
BVPP
BVPP
3V
3 V
0.1
µF
5 V
12 V
VDD
Shutdown
Signal
From CPU
To CPU
OC
BPWR_GOOD
VCC
VCC
5V
5 V
GND
3V
5V
3V
5V
12V
12V
TPS2201
0.1
µF
0.1
µF
0.1
µF
Figure 25. Detailed Operating Circuits Using Intel 82365SLDF Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com