Electronic Components Datasheet Search
  English  ▼

X  

TLV2401IP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2401IP
Description  FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2401IP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV2401IP Datasheet HTML 13Page - Texas Instruments TLV2401IP Datasheet HTML 14Page - Texas Instruments TLV2401IP Datasheet HTML 15Page - Texas Instruments TLV2401IP Datasheet HTML 16Page - Texas Instruments TLV2401IP Datasheet HTML 17Page - Texas Instruments TLV2401IP Datasheet HTML 18Page - Texas Instruments TLV2401IP Datasheet HTML 19Page - Texas Instruments TLV2401IP Datasheet HTML 20Page - Texas Instruments TLV2401IP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
TLV2401, TLV2402, TLV2404
FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
SLOS244B – FEBRUARY 2000 – REVISED NOVEMBER 2000
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
macromodel information
Macromodel information provided was derived using Microsim
Parts
™ Release 8, the model generation
software used with Microsim
PSpice
™. The Boyle macromodel (see Note 2) and subcircuit in Figure 41 are
generated using the TLV240x typical electrical and operating characteristics at TA = 25°C. Using this
information, output simulations of the following key parameters can be generated to a tolerance of 20% (in most
cases):
D Maximum positive output voltage swing
D Maximum negative output voltage swing
D Slew rate
D Quiescent power dissipation
D Input bias current
D Open-loop voltage amplification
D Unity-gain frequency
D Common-mode rejection ratio
D Phase margin
D DC output resistance
D AC output resistance
D Short-circuit output current limit
NOTE 2: G. R. Boyle, B. M. Cohn, D. O. Pederson, and J. E. Solomon, “Macromodeling of Integrated Circuit Operational Amplifiers”,
IEEE Journal
of Solid-State Circuits, SC-9, 353 (1974).
.subckt 240X_5V–X 1 2 3 4 5
*
c1
11 12 9.8944E–12
c2
6
7
30.000E–12
cee
10 99 8.8738E–12
dc
5
53 dy
de
54 5
dy
dlp
90 91 dx
dln
92 90 dx
dp
43dx
egnd 99 0
poly(2) (3,0) (4,0) 0 .5 .5
fb
7
99 poly(5) vb vc ve vlp vln 0 61.404E6 –1E3 1E3 61E6 –61E6
ga
6
0
11 12 1.0216E–6
gcm
0
6
10 99 10.216E–12
iee
10 4
dc 54.540E–9
ioff
0
6
dc 5e–12
hlim
90 0
vlim 1K
q1
11 2
13 qx1
q2
12 1
14 qx2
r2
6
9
100.00E3
rc1
3
11 978.81E3
rc2
3
12 978.81E3
re1
13
10 30.364E3
re2
14
10 30.364E3
ree
10
99 3.6670E9
ro1
8
5
10
ro2
7
99 10
rp
3
4
1.4183E6
vb
9
0
dc 0
vc
3
53 dc .88315
ve
54
4
dc .88315
vlim
7
8
dc 0
vlp
91
0
dc 540
vln
0
92 dc 540
.model dx
D(Is=800.00E–18)
.model dy
D(Is=800.00E–18 Rs=1m Cjo=10p)
.model qx1 NPN(Is=800.00E–18 Bf=27.270E21)
.model qx2 NPN(Is=800.0000E–18 Bf=27.270E21)
.ends
13
rp
IN+
rc1
rc2
ree
egnd
fb
ro2
ro1
vlim
VOUT
ga
ioff
gcm
vb
c1
dc
iee
re2
re1
dp
VCC–
VCC+
IN–
q1
q2
cee
c2
ve
de
dlp
dln
vln
hlim
vlp
14
10
4
2
1
11
12
3
53
54
96
8
5
7
91
90
92
vc
99
+
+
+
+
+
+
+
–
–
–
–
–
–
–
–
+
r2
Figure 41. Boyle Macromodels and Subcircuit
PSpice and Parts are trademarks of MicroSim Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com