Electronic Components Datasheet Search
  English  ▼

X  

LMT85 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMT85
Description  LMT85/LMT85-Q1 SC70, Analog Temperature Sensors with Class-AB Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT85 Datasheet(HTML) 3 Page - Texas Instruments

  LMT85 Datasheet HTML 1Page - Texas Instruments LMT85 Datasheet HTML 2Page - Texas Instruments LMT85 Datasheet HTML 3Page - Texas Instruments LMT85 Datasheet HTML 4Page - Texas Instruments LMT85 Datasheet HTML 5Page - Texas Instruments LMT85 Datasheet HTML 6Page - Texas Instruments LMT85 Datasheet HTML 7Page - Texas Instruments LMT85 Datasheet HTML 8Page - Texas Instruments LMT85 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LMT85, LMT85-Q1
www.ti.com
SNIS168A – MARCH 2013 – REVISED JUNE 2013
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
MIN
MAX
Supply Voltage
−0.3
6.
V
Voltage at Output Pin
−0.3
(VDD + 0.5)
V
Output Current
±7
mA
Input Current at any pin (2)
5
mA
Storage Temperature
−65
150
°C
Maximum Junction Temperature (TJMAX)
150
°C
Human Body Model
2500
V
ESD Susceptibility (3) :
Machine Model
250
V
Soldering process must comply with Texas Instruments Reflow Temperature Profile specifications. Refer to www.ti.com/packaging.(4)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not specific performance limits. For specifications and test conditions, see the Electrical
Characteristics. The specifications apply only for the test conditions listed. Some performance characteristics may degrade when the
device is not operated under the listed test conditions.
(2)
When the input voltage (VI) at any pin exceeds power supplies (VI < GND or VI > V), the current at that pin should be limited to 5 mA.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin.
(4)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
OPERATING RATINGS
VALUE
UNIT
TMIN ≤ TA ≤ TMAX
°C
Specified Temperature Range:
−50 ≤ TA ≤ +150
°C
Supply Voltage Range (VDD)
1.8 to 5.5
V
Thermal Resistance (
θJA)
(1) (2) (SOT)
415
°C/W
(1)
The junction to ambient thermal resistance (
θJA) is specified without a heat sink in still air.
(2)
Changes in output due to self heating can be computed by multiplying the internal dissipation by the thermal resistance.
ACCURACY CHARACTERISTICS
These limits do not include DC load regulation. These stated accuracy limits are with reference to the values in Table 1.
PARAMETER
CONDITIONS
TYPICAL
LIMITS (1)
UNIT
70°C to 150°C; VDD = 1.9 V to 5.5 V
0.4
2.7
°C
0°C to 150°C; VDD = 1.9 V to 5.5 V
0.7
2.7
°C
Temperature Error (2)
0°C to 150°C; VDD = 2.6 V to 5.5 V
0.3
°C
–50°C to 0°C; VDD = 2.3 V to 5.5 V
0.7
2.7
°C
–50°C to 0°C; VDD = 2.9 V to 5.5 V
0.25
°C
(1)
Limits are specific to TI's AOQL (Average Outgoing Quality Level).
(2)
Accuracy is defined as the error between the measured and reference output voltages, tabulated in the Transfer Table at the specified
conditions of supply gain setting, voltage, and temperature (expressed in °C). Accuracy limits include line regulation within the specified
conditions. Accuracy limits do not include load regulation; they assume no DC load.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMT85 LMT85-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com