Electronic Components Datasheet Search
  English  ▼

X  

TAS5760L Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760L
Description  Check for Samples: TAS5760L
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760L Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5760L Datasheet HTML 9Page - Texas Instruments TAS5760L Datasheet HTML 10Page - Texas Instruments TAS5760L Datasheet HTML 11Page - Texas Instruments TAS5760L Datasheet HTML 12Page - Texas Instruments TAS5760L Datasheet HTML 13Page - Texas Instruments TAS5760L Datasheet HTML 14Page - Texas Instruments TAS5760L Datasheet HTML 15Page - Texas Instruments TAS5760L Datasheet HTML 16Page - Texas Instruments TAS5760L Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
TAS5760L
www.ti.com
SLOS782 – JULY 2013
TYPICAL IDLE, MUTE, SHUTDOWN, OPERATIONAL POWER CONSUMPTION
input signal is 1 kHz Sine, specifications are over operating free-air temperature range (unless otherwise noted)
VPVDD
RSPK
IPVDD+AVDD
IDVDD
PDISS
Speaker Amplifier State
[V]
[
Ω]
[mA]
[mA]
[W]
4
23.48
3.73
0.15
Idle
8
23.44
3.72
0.15
4
23.53
3.72
0.15
Mute
8
23.46
3.72
0.15
fSPK_AMP =
384kHz
4
13.26
0.48
0.08
Sleep
8
13.27
0.53
0.08
4
0.046
0.04
0
Shutdown
8
0.046
0.03
0
4
30.94
3.71
0.2
Idle
8
30.94
3.71
0.2
4
29.37
3.71
0.19
Mute
8
29.39
3.71
0.19
fSPK_AMP =
6
768kHz
4
13.24
0.5
0.08
Sleep
8
13.23
0.52
0.08
4
0.046
0.03
0
Shutdown
8
0.046
0.03
0
4
39.39
3.7
0.25
Idle
8
39.43
3.7
0.25
4
36.91
3.7
0.23
Mute
8
36.9
3.69
0.23
fSPK_AMP =
1152kHz
4
13.17
0.53
0.08
Sleep
8
13.13
0.45
0.08
4
0.046
0.03
0
Shutdown
8
0.046
0.03
0
Copyright © 2013, Texas Instruments Incorporated
13
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com