Electronic Components Datasheet Search
  English  ▼

X  

GVT-2000 Datasheet(PDF) 1 Page - Level One

Part # GVT-2000
Description  10/100/1000BASE-T to 1000BASE-X SFP Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

GVT-2000 Datasheet(HTML) 1 Page - Level One

  GVT-2000 Datasheet HTML 1Page - Level One GVT-2000 Datasheet HTML 2Page - Level One GVT-2000 Datasheet HTML 3Page - Level One GVT-2000 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GVT-2000 하드웨어 버전: 1
10/100/1000BASE-T to 1000BASE-X SFP Converter
The GVT-2000 media converter is able to convert network signals between copper and fiber-optic based networks.
The converter provides a SFP slot for 1000Base-X Gigabit optic module and a 10/100/1000Base-T RJ-45 port,
supports full duplex and half duplex switch connectivity and 10Base-T, 100Base-TX and 1000Base-T auto-sensing.
The device features built-in Dip switches for easy converter configuration, which function on the Smart LFP (Link
Fault Pass-through), allowing the converter to monitor both the fiber and copper ports for signal loss, as well as cut
through and smart pass through mode.
The GVT-2000 is able to operate in temperatures from -10° up to 55° Celsius. The converter can be used as a
standalone unit or as a slide-in module to the CHV-2000 19” converter rack, which can accommodate up to 14 units
for use in a central wiring closet.
Key Features
- Transfers data from 10/100/1000Base-T copper to fiber interfaces
- SFP slot supports pluggable Gigabit optic modules that enabling you to choose from a variety of transceiver
- 데이터 전송 속도를 증가시키는 9K 점보 프레임
- Built-in LFP (Link Fault Pass-through) Technology
- 신뢰성 있는 데이터 전송을 위해 IEEE 802.3x 플로우 제어가 패킷 손실을 방지
- Dip switches for customized configuration
- Supports low-time lag transmission
www.level1.com
Page 1 of 4


Similar Part No. - GVT-2000

ManufacturerPart #DatasheetDescription
logo
Level One
GVT-2001 LVL1-GVT-2001 Datasheet
649Kb / 4P
10/100/1000BASE-T to 1000BASE-SX MMF SC Converter, 550m
More results

Similar Description - GVT-2000

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8558 VITESSE-VSC8558 Datasheet
236Kb / 2P
Octal Port 10/100/1000BASE-T and 1000BASE-X PHY
logo
Bel Fuse Inc.
SFP-1GBT-03 BEL-SFP-1GBT-03 Datasheet
361Kb / 4P
10/100/1000Base-T RJ45 SFP Module
SFP-1GBT-05 BEL-SFP-1GBT-05 Datasheet
361Kb / 4P
10/100/1000Base-T RJ45 SFP Module
logo
Level One
GVT-2001 LVL1-GVT-2001 Datasheet
649Kb / 4P
10/100/1000BASE-T to 1000BASE-SX MMF SC Converter, 550m
logo
Glenair, Inc.
050_103 GLENAIR-050_103 Datasheet
207Kb / 4P
10/100/1000BASE-T to 1000BASE-SX/LX10 Media Converter
050-103 GLENAIR-050-103 Datasheet
207Kb / 4P
10/100/1000BASE-T to 1000BASE-SX/LX
050-104 GLENAIR-050-104 Datasheet
264Kb / 4P
10/100/1000BASE-T to 1000BASE-SX/LX
logo
Axiomtek Co., Ltd.
EL2242 AXIOMTEK-EL2242 Datasheet
228Kb / 3P
Hardened PoE 10/100/1000BASE-T to 100/1000BASE Dual Rate Media Converter
logo
OPLINK Communications I...
TRPRG1VA1C000E2G OPLINK-TRPRG1VA1C000E2G Datasheet
271Kb / 6P
1000BASE-T and 10/100/1000BASE-T Copper SFP Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-05 BEL-SFP-1GBT-05_17 Datasheet
531Kb / 4P
SFP Copper Transceiver 10/100/1000Base-T to SGMII
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com