Electronic Components Datasheet Search
  English  ▼

X  

USB2533 Datasheet(PDF) 27 Page - SMSC Corporation

Part # USB2533
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2533 Datasheet(HTML) 27 Page - SMSC Corporation

Back Button USB2533 Datasheet HTML 23Page - SMSC Corporation USB2533 Datasheet HTML 24Page - SMSC Corporation USB2533 Datasheet HTML 25Page - SMSC Corporation USB2533 Datasheet HTML 26Page - SMSC Corporation USB2533 Datasheet HTML 27Page - SMSC Corporation USB2533 Datasheet HTML 28Page - SMSC Corporation USB2533 Datasheet HTML 29Page - SMSC Corporation USB2533 Datasheet HTML 30Page - SMSC Corporation USB2533 Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller
Datasheet
SMSC USB2533
27
Revision 1.0 (06-17-13)
DATASHEET
6.2.1
USB Accessible Functions
6.2.1.1
VSM commands over USB
By default, Vendor Specific Messaging (VSM) commands to the hub are enabled. The supported
commands are:
Enable Embedded Controller
Disable Embedded Controller
Enable Special Resume
Disable Special Resume
Reset Hub
6.2.1.2
I2C Master Access over USB
Access to I2C devices is performed as a pass-through operation from the USB Host. The device
firmware has no knowledge of the operation of the attached I2C device. The supported commands are:
Enable I2C pass through mode
Disable I2C pass through mode
I2C write
I2C read
Send I2C start
Send I2C stop
6.2.1.3
OTP Access over USB
The OTP ROM in the device is accessible via the USB bus. All OTP parameters can modified via the
USB Host. The OTP operates in Single Ended mode. The supported commands are:
Enable OTP reset
Set OTP operating mode
Set OTP read mode
Program OTP
Get OTP status
Program OTP control parameters
6.2.1.4
Battery Charging Access over USB
The Battery charging behavior of the device can be dynamically changed by the USB Host when
something other than the preprogrammed or OTP programmed behavior is desired. The supported
commands are:
Enable/Disable battery charging
Upstream battery charging mode control
Downstream battery charging mode control
Battery charging timing parameters
Download custom battery charging algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com