| Electronic Components Datasheet Search |
|
USB2534 Datasheet(PDF) 41 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2534 Datasheet(HTML) 41 Page - SMSC Corporation |
|
41 / 62 page ![]() USB 2.0 Hi-Speed 4-Port Hub Controller Datasheet SMSC USB2534 41 Revision 1.0 (06-17-13) DATASHEET Table 7.11 Connect Configuration Register CONNECT_CFG (0x318E- RESET=0x00) CONNECT CONFIGURATION REGISTER BIT NAME R/W DESCRIPTION 7:2 Reserved R Reserved 1 EN_FLEX_MODE R/W Flex Connect mode enable 0: Flex Connect mode is disabled. (Normal hub operation with separate port power and OCS control) 1: Flex Connect mode is enabled 0 FLEXCONNECT R/W FlexConnect Control. When asserted the device changes its hub connections so that the Swap port (Physical Port 1) changes from it’s default behavior of a downstream port to an upstream port. The Flex Port (Physical port 0) transitions from an upstream port to a downstream port. ‘0’ - Flex Port = Upstream (Port 0) Swap Port= Downstream (Port 1) ‘1’ - Flex Port= Downstream (Port 1) Swap Port= Upstream (Port 0) This setting can be used to select whether the Flex Port is an upstream or downstream port. Another application for this setting is to allow a dual-role device on the Swap Port to assume a host role and communicate directly with other downstream hub ports, or to communicate through the Flex Port to a exposed connector to an external device. If a “private” communication channel is desired between embedded devices, any externally exposed ports should be disabled. Note: All port-specific settings such as VSNS, prtSp, sDiscon are specific to the logic port 0, 1, 2, 3. When FLEXCONNECT is asserted, these settings affect the newly assigned physical pins and PHY. Any settings which are specific to the physical Flex Port and Swap Port such as battery charger detection do not change with the setting of FLEXCONNECT. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |