Electronic Components Datasheet Search
  English  ▼

X  

USB3613 Datasheet(PDF) 50 Page - SMSC Corporation

Part # USB3613
Description  USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3613 Datasheet(HTML) 50 Page - SMSC Corporation

Back Button USB3613 Datasheet HTML 46Page - SMSC Corporation USB3613 Datasheet HTML 47Page - SMSC Corporation USB3613 Datasheet HTML 48Page - SMSC Corporation USB3613 Datasheet HTML 49Page - SMSC Corporation USB3613 Datasheet HTML 50Page - SMSC Corporation USB3613 Datasheet HTML 51Page - SMSC Corporation USB3613 Datasheet HTML 52Page - SMSC Corporation USB3613 Datasheet HTML 53Page - SMSC Corporation USB3613 Datasheet HTML 54Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
Revision 1.0 (06-17-13)
50
SMSC USB3613
DATASHEET
If a custom charger detection algorithm is desired, the SMBus registers can also be used to control
the charger detection block to implement a custom charger detection algorithm. In order to avoid
negative interactions with automatic battery charger detection or normal hub operation, the user should
only attempt Custom battery charger detection during the Hub.Config stage or Hub.Connect stage. No
logic is implemented to disable custom detection at other times - it is up to the user software to observe
this restriction.
The SMBus registers and associated general purpose interrupts are primarily intended for
communication with the SOC. To facilitate operation when the SOC is not in a mode which can service
the SMBus, additional output signals dedicated specifically to charger detection (CHRGDET[1:0]) are
provided. This output can be used to communicate with a second device such as a PMIC. The type
of charger which affects the CHRGDET[1:0] state can be selected in the Charge Detect Mask Register.
There is a possibility that the system is not running the reference clock when battery charger detection
is required (for example if the battery is dead or missing). During the Hub.WaitRefClk stage the battery
charger detection sequence can be configured to be followed regardless of the activity of REFCLK by
relying on the operation of the internal oscillator.
Note: Battery charger detection is not available when utilizing HSIC on the upstream port.
8.1.1.1
Charger Detection (CHRGDET[1:0])
The CHRGDET[1:0] output function can be programmed to communicate information that can affect
the level of current that the system may draw from the upstream USB VBUS wire. CHRGDET[1:0] can
be set to identify that a specific type of charger was discovered or that an event on the device occurred
such as USB Device Suspend or the USB Device has been configured. Either bit of the function can
be enabled on a single pin if the resolution of two pins is not required. The output function tracks the
CHG_DET[1:0] bits of the .
The charger detect output can be used to communicate directly to a PMIC GPIO that a charger has
been identified. In this way, there is no communication required over the SMBus by the SOC. This
facilitates a dead battery case where there is insufficient battery power to activate the SOC or its
SMBus to query the cause of an interrupt. The encoding of CHRGDET[1:0] can be seen in Table 8.2.
Apple Super High Current Charger
DP=2.7V
DM=2.0V
110
Apple Charger Low Current Charger (500mA)
DP=2.0V
DM=2.0V
100
Apple Charger High Current Charger (1000mA)
DP=2.0V
DM=2.7V
101
Table 8.2 CHRGDET[1:0] Configuration Definitions
CHRGDET[1:0]
DEFINITION
‘00’
No selected chargers or status identified.
Draw no current from VBUS.
‘01’
VBUS detect without enumeration.
Draw unconfigured current from VBUS (100mA max).
‘10’
Device enumerated, Set Config seen.
Draw configured current from VBUS (500mA max).
Table 8.1 Chargers Compatible with Upstream Detection (continued)
USB ATTACH TYPE
DP/DM PROFILE
CHARGERTYPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com