Electronic Components Datasheet Search
  English  ▼

X  

USB4604 Datasheet(PDF) 50 Page - SMSC Corporation

Part # USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4604 Datasheet(HTML) 50 Page - SMSC Corporation

Back Button USB4604 Datasheet HTML 46Page - SMSC Corporation USB4604 Datasheet HTML 47Page - SMSC Corporation USB4604 Datasheet HTML 48Page - SMSC Corporation USB4604 Datasheet HTML 49Page - SMSC Corporation USB4604 Datasheet HTML 50Page - SMSC Corporation USB4604 Datasheet HTML 51Page - SMSC Corporation USB4604 Datasheet HTML 52Page - SMSC Corporation USB4604 Datasheet HTML 53Page - SMSC Corporation USB4604 Datasheet HTML 54Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 71 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
Revision 1.0 (06-17-13)
50
SMSC USB4604
DATASHEET
Table 7.14 Upstream (Port 0) Battery Charging Run Time Control Register
Table 7.15 Upstream (Port 0) Battery Charging Detect Register
BC_CTL_RUN_TIME
(0x6102- RESET=0x00)
UPSTREAM (PORT 0) BATTERY CHARGING RUN TIME
CONTROL REGISTER
BIT
NAME
R/W
DESCRIPTION
7
Reserved
R
Always read ‘0
6
SUSPENDN
R/W
Suspend enable. Forces upstream port into suspend
0: Suspend disabled
1: Suspend enabled
5
RESET
R/W
Reset enable. Forces upstream port into reset
0: Reset disabled
1: Reset enabled
4
USB2_FS_OEB
R/W
Output Enable (OE). Forces upstream port into output enable
0: OE disabled
1: OE enabled
3
RPD_DP_EN
R/W
Data plus resistor pull-down enable
0: Data plus pull-down disabled
1: Data plus pull-down enabled
2
RPD_DM_EN
R/W
Data minus resistor pull-down enable
0: Data minus pull-down disabled
1: Data minus pull-down enabled
1:0
XCVRSELECT
R/W
Transceiver Select. This field selects between the LS, FS and
HS transceivers.
2'b00: HS mode
2'b01: FS mode
2'b10: LS mode
2'b11: LS data-rate with FS rise/fall times (and EOP/IDLE)
Note:
Note: XCVRSELECT must change state only when
the device is not actively transmitting or receiving
BC_CTL_DET
(0x6103- RESET=0x00)
UPSTREAM (PORT 0) BATTERY CHARGING DETECT
REGISTER
BIT
NAME
R/W
DESCRIPTION
7:3
Reserved
R
Always read ‘0
2
USB2_BC_RXHI_EN
R/W
Enable pin for the Apple high current battery charger
detection.
1
USB2_BC_RXHI_DET
R
Output pin for the Apple high current battery charger detection.
When disabled this output will be low.
0
USB2_BC_BIAS_EN
R/W
When enabling USB2_IDAT_SINK_EN or
USB2_VDAT_SRC_EN of the Upstream (Port 0) Battery
Charging Control 1 Register, this register bit must be set to
enable the required current source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com