Electronic Components Datasheet Search
  English  ▼

X  

TPS65279V Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65279V
Description  4.5-V TO 18-V INPUT VOLTAGE, 5-A/5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65279V Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS65279V Datasheet HTML 19Page - Texas Instruments TPS65279V Datasheet HTML 20Page - Texas Instruments TPS65279V Datasheet HTML 21Page - Texas Instruments TPS65279V Datasheet HTML 22Page - Texas Instruments TPS65279V Datasheet HTML 23Page - Texas Instruments TPS65279V Datasheet HTML 24Page - Texas Instruments TPS65279V Datasheet HTML 25Page - Texas Instruments TPS65279V Datasheet HTML 26Page - Texas Instruments TPS65279V Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
1
ENFALLING
2
STOP
ENFALLING
1 h
p
R
V
R
V
V
R (I
I )
´
=
-
+
+
ENFALLING
START
STOP
ENRISING
1
ENFALLING
P
h
ENRISING
V
V
(
)
V
V
R
V
I (1
) I
V
-
=
-
+
TPS65279V
www.ti.com
SLVSBW1A – FEBRUARY 2013 – REVISED JUNE 2013
Figure 42. Adjustable VIN Under-Voltage Lockout
(2)
(3)
Where Ih = 3 µA, IP = 3 µA, VENRISING = 1.21 V, VENFALLING = 1.17 V.
Adjustable Switching Frequency and Synchronization
The ROSC pin can be used to set the switching frequency of the device in two mode. The resistor mode is to
connect a resistor between ROSC pin and GND. The switching frequency of the device is adjustable from 200
kHz to 1600 kHz. The other mode called synchronization mode is to connect an external clock signal directly to
the ROSC pin. The device is synchronized to the external clock frequency with PLL.
Synchronization mode overrides the resistor mode. The device is able to detect the proper mode automatically
and switch from synchronization mode to resistor mode.
Adjustable Switching Frequency (Resistor Mode)
To determine the ROSC resistance for a given switching frequency, use Equation 4 or the curve in Figure 43. To
reduce the solution size one would set the switching frequency as high as possible, but tradeoffs of the supply
efficiency and minimum controllable on time should be considered.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: TPS65279V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com