Electronic Components Datasheet Search
  English  ▼

X  

LM78L08F Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM78L08F
Description  3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM78L08F Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM78L08F Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM78L08F Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM78L08F Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM78L08F Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM78L08F Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM78L08F Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM78L08F Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM78L08F Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM78L08F Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
LM78LXX
Jun. 2012 - Rev. 1.5
- 2
-
HTC
Recommended Operating Conditions
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
LM78L05 / A
7
20
LM78L06
8
20
LM78L08
10.5
23
LM78L09
11.5
24
LM78L10
12.5
25
LM78L12
14.5
27
LM78L15
17.5
30
LM78L18
20.5
33
Input Voltage
LM78L24
VIN
26.5
39
V
Output Current
Io
100
100
mA
Operating Virtual Junction Temperature
TJ
-40
125
℃
Ordering Information
VOUT
Package
Order No.
Description
Supplied As
Status
LM78L05
0.1A, Positive
Bulk
Active
LM78L05A
0.1A, Positive
Bulk
Active
LM78L05TA
0.1A, Positive
Taping
Active
TO-92
LM78L05ATA
0.1A, Positive
Taping
Active
SOT-89
LM78L05F
0.1A, Positive
Reel
Active
5.0V
SOP-8
LM78L05D
0.1A, Positive
Reel
Active
LM78L06
0.1A, Positive
Bulk
Active
TO-92
LM78L06TA
0.1A, Positive
Taping
Active
6.0V
SOT-89
LM78L06F
0.1A, Positive
Reel
Active
LM78L08
0.1A, Positive
Bulk
Active
TO-92
LM78L08TA
0.1A, Positive
Taping
Active
8.0V
SOT-89
LM78L08F
0.1A, Positive
Reel
Active
LM78L09
0.1A, Positive
Bulk
Active
TO-92
LM78L09TA
0.1A, Positive
Taping
Active
9.0V
SOT-89
LM78L09F
0.1A, Positive
Reel
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com