Electronic Components Datasheet Search
  English  ▼

X  

LM339D Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM339D
Description  QUAD Operational Amplifiers Wide range of supply voltages
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM339D Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM339D Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM339D Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM339D Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM339D Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
QUAD Operational Amplifiers
LM339
Jun. 2011 – Ver.1.0
- 3
-
HTC
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT SATURATION VOLTAGE
0.01
0.1
1.0
10
100
0.001
0.01
10
0.1
1.0
Io-OUTPUT SINK CURRENT (mA)
OUT OF
SATURATION
TA=-55°C
TA=+125°C
TA=+25°C
0
10
20
30
40
INPUT CURRENT
V -SUPPLY VOLTAGE - VDC
0
20
80
40
60
TA=-55°C
TA=0°C
TA=+125°C
TA=+25°C
TA=+70°C
+
1.0
0.8
0.6
0.4
0.2
0
V -SUPPLY VOLTAGE - VDC
SUPPLY
+
TA=-55°C
TA=0°C
TA=+25°C
TA=+70°C
TA=+125°C
0
10
20
30
40
RL=∞
RESPONSE TIME FOR VARIOUS INPUT
OVERDRIVES-NEGATIVE TRANSITION
0
0.5
1.0
1.5
2.0
-100
-50
0
TIME-µs
0
1
2
3
4
5
6
TA=+25°C
OVERDRIVE
5mV=INPUT
20mV
+
-
+5V
5.1K
VOUT
VIN
RESPONSE TIME FOR VARIOUS INPUT
OVERDRIVES-POSITIVE TRANSITION
0
0.5
1.0
1.5
2.0
0
-50
100
TIME-µs
0
1
2
3
4
5
6
+
-
+5V
VIN
5.1K
VOUT
INPUT OVERDRIVE=100mV
5mV
20mV
TA=+25°C
OVERDRIVE
VIN(CM)=0VDC
RIN(CM)=10kΩ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com