Electronic Components Datasheet Search
  English  ▼

X  

LM1117Q Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM1117Q
Description  1A L.D.O VOLTAGE REGULATOR Qualified to AEC-Q100 Standard
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1117Q Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM1117Q Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1117Q Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1117Q Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1117Q Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1117Q Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1117Q Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1117Q Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1117Q Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM1117Q Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1A L.D.O VOLTAGE REGULATOR(Automotive Grade)
LM1117Q
Jul. 2011 Rev. 1.0
- 3 -
HTC
PIN CONFIGURATION
SOT-223
PIN DESCRIPTION
Pin No.
SOT-223
Name
Function
1
ADJ/GND
Adjustable / Ground
2
VOUT
Output Voltage
3
VIN
Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com