Electronic Components Datasheet Search
  English  ▼

X  

MRF641 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF641
Description  RF POWER TRANSISTOR NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF641 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF641 Datasheet HTML 1Page - Motorola, Inc MRF641 Datasheet HTML 2Page - Motorola, Inc MRF641 Datasheet HTML 3Page - Motorola, Inc MRF641 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
MRF641
MOTOROLA RF DEVICE DATA
Figure 2. Power Output versus Power Input
Figure 3. Power Output versus Frequency
Figure 4. Power Output versus Supply Voltage
Figure 5. Power Saturation Profile
Figure 6. Series Equivalent Input–Output Impedance
VCC, SUPPLY VOLTAGE (VOLTS)
25
20
8
9
10
11
12
13
14
15
16
f = 470 MHz
Pin = 2 W
15
10
5
0
Pin = 3 W
VCC = 12.5 V
Pin, POWER INPUT (WATTS)
30
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
f = 470 MHz
VCC = 12.5 Vdc
27
24
21
18
15
12
9
6
3
0
f, FREQUENCY (MHz)
25
20
380
400
15
10
5
0
420
440
460
480
500
520
540
1 W
2 W
f = 470 MHz
VCC = 12.5 Vdc
Pin, POWER INPUT (WATTS)
30
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
27
24
21
18
15
12
9
6
3
0
Zin
0
2.0
1.0
3.0
4.0
ZOL*
2.0
4.0
6.0
8.0
10.
0
12.
0
10.
0
8.0
6.0
4.0
2.0
f = 400 MHz
420
450
480
510
f = 400 MHz
420
450
480
510
ZOL* = Conjugate of the load impedance into which the device output operates at a given power, η, and frequency.
Pout = 15 W, VCC = 12.5 V
f
MHz
Zin
Ohms
ZOL*
Ohms
400
420
450
480
510
0.6 + j4.0
0.7 + j4.2
1.0 + j5.0
1.2 + j5.2
1.7 + j6.4
3.5 – j1.2
3.4 – j0.8
3.0 + j0.5
2.7 + j1.2
2.6 + j1.6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com