Electronic Components Datasheet Search
  English  ▼

X  

TPS70445PWPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70445PWPR
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70445PWPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS70445PWPR Datasheet HTML 12Page - Texas Instruments TPS70445PWPR Datasheet HTML 13Page - Texas Instruments TPS70445PWPR Datasheet HTML 14Page - Texas Instruments TPS70445PWPR Datasheet HTML 15Page - Texas Instruments TPS70445PWPR Datasheet HTML 16Page - Texas Instruments TPS70445PWPR Datasheet HTML 17Page - Texas Instruments TPS70445PWPR Datasheet HTML 18Page - Texas Instruments TPS70445PWPR Datasheet HTML 19Page - Texas Instruments TPS70445PWPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
0.01
0.1
1
10
100
1k
10k
100k
f
Frequency
Hz
-
-
V
=4.3V
V
=3.3V
C
=22 F
I =10mA
T
=25 C
IN1
OUT1
OUT1
O
J
m
°
0.01
0.1
1
10
100
1k
10k
100k
V
=2.8V
V
=1.8V
C
=47 F
I =10mA
T
=25 C
IN2
OUT2
OUT2
O
J
m
°
f
Frequency
Hz
-
-
0.01
0.1
1
10
100
1k
10k
100k
V
=2.8V
V
=1.8V
C
=47 F
I =2A
T
=25 C
IN2
OUT2
OUT2
O
J
m
°
f
Frequency
Hz
-
-
0.01
0.1
1
10
100
1k
10k
100k
V
=4.3V
V
=3.3V
C
=22 F
I =1mA
T
=25 C
IN1
OUT1
OUT1
O
J
m
°
f
Frequency
Hz
-
-
TPS70445, TPS70448
TPS70451, TPS70458
TPS70402
SLVS307F – SEPTEMBER 2000 – REVISED APRIL 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
OUTPUT SPECTRAL NOISE DENSITY
OUTPUT SPECTRAL NOISE DENSITY
vs
vs
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
OUTPUT SPECTRAL NOISE DENSITY
OUTPUT SPECTRAL NOISE DENSITY
vs
vs
FREQUENCY
FREQUENCY
Figure 12.
Figure 13.
16
Submit Documentation Feedback
Copyright © 2000–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com