Electronic Components Datasheet Search
  English  ▼

X  

MD102S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MD102S
Description  Voltage100V~1000V1.0Amp Surface Mount Bridge Rectifers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MD102S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MD102S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MD102S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MD102S ~ MD107S
Voltage 100V ~ 1000V
1.0 Amp Surface Mount Bridge Rectifiers
13-May-2013 Rev.B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Plastic material has UL flammability classification 94V-0
High surge current capability
Saves space on printed circuit boards
Glass passivated structure
MECHANICAL DATA
Case: Molded plastic body over passivated junctions
Polarity: As marked on body  
Mounting position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
MDS
2.5K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
MD102S
MD103S
MD104S
MD105S
MD106S
MD107S
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
On glass-epoxy
P.C.B.
1
0.8
Maximum Average
Forward Current
On aluminum
substrate
2
IF(AV)
1
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load
(JEDEC Method)
IFSM
40
A
Maximum instantaneous forward voltage @
0.4A per leg
3
VF
1.05
V
TA=25°C
10
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TA=125°C
IR
150
μA
Rating for fusing, 1ms≦t≦8.3ms
I
2
T
6.6
A
2
S
Thermal resistance junction to ambient
4
RθJA
85
°C/W
Thermal resistance junction to lead
4
RθJL
20
°C/W
Operating and Storage Temperature range
TJ, TSTG
-55~150
°C
Note:
1. On glass epoxy P.C.B. mounted on 0.05x0.05''(1.3x1.3mm) pads
2. On aluminum substrate P.C.B. with area of 0.8''x0.8''(20x20mm) mounted on 0.05X0.05''(1.3X1.3mm) solder pad
3. Pulse test with PW=300us, 1%duty cycle.
4. Thermal resistance from junction to ambient and junction to lead mounted on P.C.B. with 0.2X0.2''(5X5mm) copper pads
MDS
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
-
7.0
G
1.3
1.7
B
3.6
4.2
H
0.7
1.1
C
0.5
0.8
I
0.1
0.35
D
2.3
2.7
J
0.2(TYP.)
E
4.5
4.9
K
0.5*15°(TYP.)
F
2.3
2.7


Similar Part No. - MD102S

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
MD10 GULFSEMI-MD10 Datasheet
114Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:0.8A
logo
Extech Instruments Corp...
MD10 EXTECH-MD10 Datasheet
375Kb / 1P
Non-contact Magnet Detector Flashlight
logo
Shanghai Shunye Electro...
MD100A08 SHUNYE-MD100A08 Datasheet
1Mb / 3P
RECTIFIER MODULE
MD100A08 SHUNYE-MD100A08 Datasheet
1,006Kb / 3P
RECTIFIER MODULE
logo
Jiangsu APT Semiconduct...
MD100A08D1 APTSEMI-MD100A08D1 Datasheet
89Kb / 3P
Glass Passivated Rectifier Diode Modules
More results

Similar Description - MD102S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS3A ETC1-FS3A Datasheet
87Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFERS
logo
HY ELECTRONIC CORP.
ES1A HY-ES1A Datasheet
30Kb / 2P
SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFERS
ES2A HY-ES2A Datasheet
30Kb / 2P
SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFERS
ES3AB HY-ES3AB Datasheet
89Kb / 2P
SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
logo
BaiDu Micro electrons C...
ES1A BAIDUMICRO-ES1A Datasheet
163Kb / 2P
SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFERS
logo
HY ELECTRONIC CORP.
ES1A HY-ES1A_17 Datasheet
135Kb / 3P
SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES2AA HY-ES2AA_17 Datasheet
135Kb / 3P
SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES3A HY-ES3A_17 Datasheet
156Kb / 3P
SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES3AB HY-ES3AB_17 Datasheet
135Kb / 3P
SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
logo
Shenzhen Yixinwei Techn...
ES3A YIXIN-ES3A_08 Datasheet
208Kb / 2P
SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com