Electronic Components Datasheet Search
  English  ▼

X  

SB22S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SB22S
Description  Voltage 20V ~100V 2.0Amp Schottky Barrier Bridge Rectifers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SB22S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SB22S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SB22S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB22S ~ SB210S
Voltage 20V ~ 100V
2.0 Amp Schottky Barrier Bridge Rectifiers
Elektronische Bauelemente
22-Mar -2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Metal-Semiconductor junction with guarding
Epitaxial construction
Very low forward voltage drop
High current capability
Plastic material has UL flammability classification 94V-0
Application
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection.
MECHANICAL DATA
Case: Molded Plastic
Polarity: Indicated by cathode band
Weight: 0.0044 ounces, 0.125 grams
PACKAGE INFORMATION
Package
MPQ
Leader Size
MDS
3K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Part Number
Unit
SB
22S
SB
23S
SB
24S
SB
25S
SB
26S
SB
27S
SB
28S
SB
210S
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
90
100
V
Maximum RMS Bridge Input Voltage
VRMS
14
21
28
35
42
56
63
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
90
100
V
Maximum Average Forward Rectified Current
@TL=100°C
I(AV)
2
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Super Imposed on Rated Load
(JEDEC Method)
IFSM
50
A
Maximum Forward Voltage @ 1A DC
VF
0.55
0.7
0.85
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TJ=25°C
IR
1
mA
TJ=100°C
20
Typical Junction Capacitance
1
CJ
125
pF
Typical Thermal Resistance
2
RθJL
20
°C / W
Operating and Storage temperature range
TJ,TSTG
-55~125, -55~150
°C
Note:
1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2. Thermal resistance junction to lead.
MDS
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
-
7.0
G
1.3
1.7
B
3.6
4.2
H
0.7
1.1
C
0.5
0.8
I
0.1
0.35
D
2.3
2.7
J
0.2(TYP.)
E
4.5
4.9
K
0.5*15°
F
2.3
2.7


Similar Part No. - SB22S

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
SB22S SAMYANG-SB22S Datasheet
1Mb / 3P
Schottky Bridge Rectif iers
logo
DATEL, Inc.
SB22S3.3-15 DATEL-SB22S3.3-15 Datasheet
185Kb / 1P
Sixteenth-Brick 50-Watt, 3.3 Volts Output
SB22S5-8 DATEL-SB22S5-8 Datasheet
185Kb / 1P
Sixteenth-Brick 40-Watt, 5 Volts Output
logo
SeCoS Halbleitertechnol...
SB22S SECOS-SB22S_15 Datasheet
261Kb / 2P
2.0 Amp Schottky Barrier Bridge Rectifiers
More results

Similar Description - SB22S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SR120 SECOS-SR120 Datasheet
189Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
SR220 SECOS-SR220 Datasheet
102Kb / 2P
VOLTAGE 20V ~ 100V 2.0 AMP Schottky Barrier Rectifiers
SR1620 SECOS-SR1620 Datasheet
248Kb / 2P
VOLTAGE 20V ~ 100V 16.0AMP Schottky Barrier Rectifiers
SM1020C SECOS-SM1020C_11 Datasheet
248Kb / 2P
Voltage 20V~100V 10.0 Amp Schottky Barrier Rectifiers
SM2020D SECOS-SM2020D_12 Datasheet
298Kb / 2P
Voltage 20V~ 100V 20.0 Amp Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS120P WILLAS-SCS120P Datasheet
153Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
SK22AF WILLAS-SK22AF Datasheet
310Kb / 2P
2.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
SeCoS Halbleitertechnol...
SM320HT SECOS-SM320HT Datasheet
252Kb / 3P
Voltage 20V ~100V 3.0 Amp Surface Mount Schottky Barrier Rectifers
logo
First Silicon Co., Ltd
SK22A FS-SK22A Datasheet
189Kb / 3P
VOLTAGE 20V ~ 60V 2.0AMP Surface Mount Schottky Barrier Rectifiers
SS22A FS-SS22A Datasheet
186Kb / 2P
VOLTAGE 20V ~ 200V 2.0AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com