Electronic Components Datasheet Search
  English  ▼

X  

EMT2 Datasheet(PDF) 1 Page - Rohm

Part # EMT2
Description  General purpose (dual transistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMT2 Datasheet(HTML) 1 Page - Rohm

  EMT2 Datasheet HTML 1Page - Rohm EMT2 Datasheet HTML 2Page - Rohm EMT2 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EMT2 / UMT2N / IMT2A
Transistors
Rev.A
1/2
General purpose (dual transistors)
EMT2 / UMT2N / IMT2A
Features
1) Two 2SA1037AK chips in a EMT or UMT or SMT package.
Equivalent circuits
(1)
(2)
(3)
(4) (5)
(6)
(6)
(5)
(4)
(3) (2)
(1)
EMT2 / UMT2N
IMT2A
Tr2
Tr1
Tr1
Tr2
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
−60
−50
−6
−150
300(TOTAL)
150(TOTAL)
EMT2 / UMT2N
IMT2A
150
−55 to +150
Unit
V
V
V
mA
mW
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
∗1 120mW per element must not be exceeded.
∗2 200mW per element must not be exceeded.
∗1
∗2
Package, marking, and packaging specifications
EMT2
EMT6
T2
T2R
8000
IMT2A
SMT6
T2
T108
3000
UMT2N
UMT6
T2
TR
3000
Type
Package
Marking
Code
Basic ordering unit (pieces)
External dimensions (Unit : mm)
ROHM : EMT6
EMT2
ROHM : UMT6
EIAJ : SC-88
UMT2N
ROHM : SMT6
EIAJ : SC-74
IMT2A
1.2
1.6
(1)
(2)
(5)
(3)
(6)
(4)
Each lead has same dimensions
0.1Min.
2.1
1.25
Each lead has same dimensions
0.3Min.
2.8
1.6
Each lead has same dimensions
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Transition frequency
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
−60
−50
−6
−
−
−
120
−
−
−
−
−
−
−
−
140
−
−
−
−0.1
−0.1
−0.5
560
−
V
V
V
µA
µA
V
−
MHz
∗
Cob
−
45
pF
IC
=−50µA
IC
=−1mA
IE
=−50µA
VCB
=−60V
VEB
=−6V
VCE
=−12V, IE=2mA, f=100MHz
VCE
=−12V, IE=0A, f=1MHz
IC/IB
=−50mA/−5mA
VCE
=−6V, IC=−1mA
∗Transition frequency of the device.
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Output capacitance


Similar Part No. - EMT2

ManufacturerPart #DatasheetDescription
logo
Rohm
EMT2 ROHM-EMT2 Datasheet
58Kb / 1P
General purpose (dual transistors)
EMT2 ROHM-EMT2 Datasheet
76Kb / 3P
General purpose (dual transistors)
EMT2 ROHM-EMT2 Datasheet
67Kb / 3P
General purpose (dual transistors)
logo
ON Semiconductor
EMT2DXV6T5 ONSEMI-EMT2DXV6T5 Datasheet
51Kb / 4P
Dual General Purpose Transistor
April, 2004 ??Rev. 0
logo
Rohm
EMT2T2R ROHM-EMT2T2R Datasheet
67Kb / 3P
General purpose (dual transistors)
More results

Similar Description - EMT2

ManufacturerPart #DatasheetDescription
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
General purpose transistors (dual transistors)
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
General purpose transistors (dual transistors)
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
General purpose transistors (dual transistors)
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
General purpose transistors (dual transistors)
logo
Rohm
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
General purpose transistors(dual transistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com