Electronic Components Datasheet Search
  English  ▼

X  

MRF6414PHT Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF6414PHT
Description  NPN Silicon RF Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF6414PHT Datasheet(HTML) 3 Page - Motorola, Inc

  MRF6414PHT Datasheet HTML 1Page - Motorola, Inc MRF6414PHT Datasheet HTML 2Page - Motorola, Inc MRF6414PHT Datasheet HTML 3Page - Motorola, Inc MRF6414PHT Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
MRF6414 PHOTOMASTER
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.965
0.985
24.52
25.01
INCHES
B
0.390
0.410
9.91
10.41
C
0.250
0.290
6.35
7.36
D
0.075
0.090
1.91
2.28
E
0.095
0.115
2.42
2.92
F
0.110
0.130
2.80
3.30
H
0.155
0.175
3.94
4.44
J
0.004
0.006
0.11
0.15
K
0.090
0.116
2.29
2.94
L
0.725 BSC
18.41 BSC
N
0.415
0.435
10.55
11.04
Q
0.120
0.135
3.05
3.42
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 2:
PIN 1. EMITTER
2. BASE
3. EMITTER
4. EMITTER
5. COLLECTOR
6. EMITTER
IDENTIFICATION
NOTCH
N
L
E
J
H
C
SEATING
PLANE
1
2
3
4
5
6
K 2 PL
D 4 PL
F 2 PL
Q 2 PL
–B–
M
A
M
0.13 (0.005)
B M
T
–A–
–T–
CASE 333A–02
ISSUE C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com