Electronic Components Datasheet Search
  English  ▼

X  

LTC1289CCSW Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1289CCSW
Description  3 Volt Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1289CCSW Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1289CCSW Datasheet HTML 12Page - Linear Technology LTC1289CCSW Datasheet HTML 13Page - Linear Technology LTC1289CCSW Datasheet HTML 14Page - Linear Technology LTC1289CCSW Datasheet HTML 15Page - Linear Technology LTC1289CCSW Datasheet HTML 16Page - Linear Technology LTC1289CCSW Datasheet HTML 17Page - Linear Technology LTC1289CCSW Datasheet HTML 18Page - Linear Technology LTC1289CCSW Datasheet HTML 19Page - Linear Technology LTC1289CCSW Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
LTC1289
1289fb
S
APPLICATI
I FOR ATIO
Figure 6 shows an example of an ideal ground plane design
for a two-sided board. Of course, this much ground plane
will not always be possible, but users should strive to get
as close to this ideal as possible.
2. Bypassing
For good performance, VCC must be free of noise and
ripple. Any changes in the VCC voltage with respect to
analog ground during a conversion cycle can induce
errors or noise in the output code. VCC noise and ripple can
be kept below 0.5mV by bypassing the VCC pin directly to
the analog ground plane with a 22
µF tantalum capacitor
and leads as short as possible. The lead from the device to
the VCC supply should also be kept to a minimum and the
VCC supply should have a low output impedance such as
that obtained from a voltage regulator (e.g., LT1117).
Using a battery to power the LTC1289 will help reduce the
amount of bypass capacitance required on the VCC pin. A
battery placed close to the device will only require 10
µF to
adequately bypass the supply pin. Figure 7 shows the
effect of poor VCC bypassing. Figure 8a shows the settling
of a LT1117 low dropout regulator with a 22
µF bypass
capacitor. The noise and ripple is approximately 0.5mV.
Figure 8b shows the response of a lithium battery with a 10
µF
bypass capacitor. The noise and ripple is kept below 0.5mV.
Figure 7. Poor VCC Bypassing.
Noise and Ripple Can Cause A/D Errors.
Figure 8a. LT1117 Regulator with 22
µF Bypassing on VCC
HORIZONTAL: 20
µs/DIV
5V/DIV
CS
0.5mV/DIV
VCC
Figure 8b. Lithium Battery with 10
µF Bypassing on VCC
HORIZONTAL: 20
µs/DIV
Figure 6. Example Ground Plane for the LTC1289
V–
22
µF
TANTALUM
VCC
LTC1289 AIF06
0.1
µF
CERAMIC
DISK
ANALOG
GROUND
PLANE
0.1
µF
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
0.5mV/DIV
5V/DIV
CS
VCC
HORIZONTAL: 10
µs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com