Electronic Components Datasheet Search
  English  ▼

X  

LTC1289 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1289
Description  3 Volt Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1289 Datasheet(HTML) 1 Page - Linear Technology

  LTC1289 Datasheet HTML 1Page - Linear Technology LTC1289 Datasheet HTML 2Page - Linear Technology LTC1289 Datasheet HTML 3Page - Linear Technology LTC1289 Datasheet HTML 4Page - Linear Technology LTC1289 Datasheet HTML 5Page - Linear Technology LTC1289 Datasheet HTML 6Page - Linear Technology LTC1289 Datasheet HTML 7Page - Linear Technology LTC1289 Datasheet HTML 8Page - Linear Technology LTC1289 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC1289
1289fb
3 Volt Single Chip 12-Bit
Data Acquisition System
■
Single Supply 3.3V or
±3.3V Operation
■ Software Programmable Features
Unipolar/Bipolar Conversions
4 Differential/8 Single-Ended Inputs
Variable Data Word Length
Power Shutdown
■
Built-In Sample-and-Hold
■ Direct 4-Wire Interface to Most MPU Serial Ports
and All MPU Parallel Ports
■
25kHz Maximum Throughput Rate
■ Available in 20-Lead PDIP and 20-Lead SW Packages
Single Cell 3V 12-Bit Data Acquisition System
■ Minimum Guaranteed Supply Voltage: 2.7V
■ Resolution: 12 Bits
■ Fast Conversion Time: 26
µs Max Over Temp
■ Low Supply Currents: 1.0mA
The LTC
®1289 is a 3V data acquisition component which
contains a serial I/O successive approximation A/D con-
verter. The device specifications are guaranteed at a
supply voltage of 2.7V. It uses LTCMOS
TM switched ca-
pacitor technology to perform a 12-bit unipolar, or 11-bit
plus sign bipolar A/D conversion. The 8 channel input
multiplexer can be configured for either single-ended or
differential inputs (or combinations thereof). An on-chip
sample and hold is included for all single-ended input
channels. When the LTC1289 is idle it can be powered
down in applications where low power consumption is
desired.
The serial I/O is designed to be compatible with industry
standard full duplex serial interfaces. It allows either MSB-
or LSB- first data and automatically provides 2’s comple-
ment output coding in the bipolar mode. The output data
word can be programmed for a length of 8, 12 or 16 bits.
This allows easy interface to shift registers and a variety of
processors.
LTC1289 TA01
LTC1289
1N4148
10
µF
–
+
10
Ω
1/4 LTC1079
+3V
–3V
TO AND
FROM
MPU
+
22
µF
TANTALUM
1N4148
10k
+
LT1004-1.2
0.1
µF
22
µF
1N5817
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
VCC
ACLK
SCLK
DIN
DOUT
CS
REF+
REF–
V–
AGND
BOOST
CAP+
GND
CAP–
V+
OSC
LV
VOUT
LTC1044
10
µF
+
22
µF
–3V
3V
LITHIUM
FOR OVERVOLTAGE PROTECTION ON
ONLY ONE CHANNEL LIMIT THE INPUT
CURRENT TO 15mA. FOR MORE THAN
ONE CHANNEL LIMIT THE INPUT
CURRENT TO 7mA PER CHANNEL AND
28mA FOR ALL CHANNELS.
CONVERSION RESULTS ARE NOT VALID
WHEN THE SELECTED OR ANY OTHER
CHANNEL IS OVERVOLTAGED (VIN < V
–
or VIN > VCC).
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
LTCMOS is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
APPLICATIO S


Similar Part No. - LTC1289

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1289 LINER-LTC1289 Datasheet
487Kb / 28P
3 Volt Single Chip 12-Bit Data Acquisition System
LTC1289BC LINER-LTC1289BC Datasheet
487Kb / 28P
3 Volt Single Chip 12-Bit Data Acquisition System
LTC1289BCJ LINER-LTC1289BCJ Datasheet
487Kb / 28P
3 Volt Single Chip 12-Bit Data Acquisition System
LTC1289BCJ LINER-LTC1289BCJ Datasheet
674Kb / 28P
3 Volt Single Chip 12-Bit Data Acquisition System
LTC1289BCN LINER-LTC1289BCN Datasheet
487Kb / 28P
3 Volt Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1289

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1289 LINER-LTC1289 Datasheet
487Kb / 28P
3 Volt Single Chip 12-Bit Data Acquisition System
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1289CCSW LINER-LTC1289CCSW Datasheet
674Kb / 28P
3 Volt Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
Single Chip 12-Bit Data Acquisition System
LTC1289 LINER-LTC1289_15 Datasheet
674Kb / 28P
3 Volt Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com