Electronic Components Datasheet Search
  English  ▼

X  

RS6501 Datasheet(PDF) 2 Page - Orister Corporation

Part # RS6501
Description  150KHz, 40V, 2A PWM Buck DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS6501 Datasheet(HTML) 2 Page - Orister Corporation

  RS6501 Datasheet HTML 1Page - Orister Corporation RS6501 Datasheet HTML 2Page - Orister Corporation RS6501 Datasheet HTML 3Page - Orister Corporation RS6501 Datasheet HTML 4Page - Orister Corporation RS6501 Datasheet HTML 5Page - Orister Corporation RS6501 Datasheet HTML 6Page - Orister Corporation RS6501 Datasheet HTML 7Page - Orister Corporation RS6501 Datasheet HTML 8Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page No. : 2/8
DS‐RS6501‐06    September, 2010 
www.Orister.com
Pin Assignments 
SOP‐8(EP) 
   
 
 
PACKAGE 
PIN 
SYMBOL 
DESCRIPTION 
1 
VIN 
Regulator Input Pin 
2 
VOUT 
Regulator Output Pin 
3 
FB 
Output Voltage Feed Back Control Pin 
4 
SD 
ON/OFF Shutdown Pin 
SOP‐8(EP) 
5, 6, 7, 8 ,9 
GND 
Ground Pin 
Ordering Information 
DEVICE 
DEVICE CODE 
RS6501‐XX YY Z 
XX is nominal output voltage (for example, AD=ADJ, 33 = 3.3V, 50 = 5.0V, 12 = 12V). 
Y is package designator : 
SE : SOP‐8(EP) 
Z is Lead Free designator : 
P: Commercial Standard, Lead (Pb) Free and Phosphorous (P) Free Package 
G: Green (Halogen Free with Commercial Standard) 
Block Diagram 
Current
Source
Bias
1.235V
Reference
2.5V
Regulator
Start
Up
COMP
+
-
COMP
+
-
200mV
220mV
Driver
Thermal
Limit
150KHz
OSC.
COMP
+
-
AMP
+
-
Output
GND
VIN
SD
FB
R1=2.5K
R2
COMP
+
-
Current
Limit
++
R
3A
Switch



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com