Electronic Components Datasheet Search
  English  ▼

X  

MRF644 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRF644
Description  RF POWER TRANSISTOR NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF644 Datasheet(HTML) 1 Page - Motorola, Inc

  MRF644 Datasheet HTML 1Page - Motorola, Inc MRF644 Datasheet HTML 2Page - Motorola, Inc MRF644 Datasheet HTML 3Page - Motorola, Inc MRF644 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MRF644
MOTOROLA RF DEVICE DATA
The RF Line
NPN Silicon
RF Power Transistor
. . . designed for 12.5 Volt UHF large–signal amplifier applications in industrial
and commercial FM equipment operating to 512 MHz.
• Specified 12.5 Volt, 470 MHz Characteristics —
Output Power = 25 Watts
Minimum Gain = 6.2 dB
Efficiency = 60%
• Characterized with Series Equivalent Large–Signal Impedance Parameters
• Built–In Matching Network for Broadband Operation
• Tested for Load Mismatch Stress at all Phase Angles with 20:1 VSWR @
16–Volt High Line and 50% Overdrive
• Circuit board photomaster available upon request by
contacting RF Tactical Marketing in Phoenix, AZ.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
16
Vdc
Collector–Base Voltage
VCBO
36
Vdc
Emitter–Base Voltage
VEBO
4.0
Vdc
Collector Current — Continuous
IC
4.0
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
103
0.59
Watts
W/
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1.7
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 20 mAdc, IB = 0)
V(BR)CEO
16
—
—
Vdc
Collector–Emitter Breakdown Voltage
(IC = 20 mAdc, VBE = 0)
V(BR)CES
36
—
—
Vdc
Emitter–Base Breakdown Voltage
(IE = 5.0 mAdc, IC = 0)
V(BR)EBO
4.0
—
—
Vdc
Collector Cutoff Current
(VCE = 15 Vdc, VBE = 0, TC = 25°C)
ICES
—
—
5.0
mAdc
(continued)
Order this document
by MRF644/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRF644
25 W, 470 MHz
CONTROLLED Q
RF POWER
TRANSISTOR
NPN SILICON
CASE 316–01, STYLE 1
© Motorola, Inc. 1994
REV 6


Similar Part No. - MRF644

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF644 ASI-MRF644 Datasheet
33Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - MRF644

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com