Electronic Components Datasheet Search
  English  ▼

X  

RS7206 Datasheet(PDF) 13 Page - Orister Corporation

Part # RS7206
Description  300mA CMOS LDO Linear Regulator with Enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7206 Datasheet(HTML) 13 Page - Orister Corporation

Back Button RS7206 Datasheet HTML 8Page - Orister Corporation RS7206 Datasheet HTML 9Page - Orister Corporation RS7206 Datasheet HTML 10Page - Orister Corporation RS7206 Datasheet HTML 11Page - Orister Corporation RS7206 Datasheet HTML 12Page - Orister Corporation RS7206 Datasheet HTML 13Page - Orister Corporation RS7206 Datasheet HTML 14Page - Orister Corporation RS7206 Datasheet HTML 15Page - Orister Corporation RS7206 Datasheet HTML 16Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Page No. : 13/16
DS‐RS7206‐15    October, 2009 
www.Orister.com
SOT‐25 Dimension 
 
NOTES: 
A. All linear dimensions are in millimeters. 
B. This drawing is subject to change without notice. 
C.
Body dimensions do not include mold flash or protrusion. 
D. Falls within JEDEC MO‐193 variation AB (5 pin). 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com