Electronic Components Datasheet Search
  English  ▼

X  

RS7805AI Datasheet(PDF) 2 Page - Orister Corporation

Part # RS7805AI
Description  1.0A Low Dropout Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7805AI Datasheet(HTML) 2 Page - Orister Corporation

  RS7805AI Datasheet HTML 1Page - Orister Corporation RS7805AI Datasheet HTML 2Page - Orister Corporation RS7805AI Datasheet HTML 3Page - Orister Corporation RS7805AI Datasheet HTML 4Page - Orister Corporation RS7805AI Datasheet HTML 5Page - Orister Corporation RS7805AI Datasheet HTML 6Page - Orister Corporation RS7805AI Datasheet HTML 7Page - Orister Corporation RS7805AI Datasheet HTML 8Page - Orister Corporation RS7805AI Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Page No. : 2/12
DS‐RS78XX‐08     September, 2009 
www.Orister.com
Pin Assignments 
   
TO‐251 
TO‐252 
TO‐220‐3 
   
 
 
 
   
 
PACKAGE 
PIN 
SYMBOL 
DESCRIPTION 
1 
VIN 
Regulator Input Pin 
2, 4 
GND 
Ground Pin 
TO‐251 
3 
VOUT 
Regulator Output Pin 
PACKAGE 
PIN 
SYMBOL 
DESCRIPTION 
1 
VIN 
Regulator Input Pin 
2, 4 
GND 
Ground Pin 
TO‐252 
3 
VOUT 
Regulator Output Pin 
PACKAGE 
PIN 
SYMBOL 
DESCRIPTION 
1 
VIN 
Regulator Input Pin 
2, 4 
GND 
Ground Pin 
TO‐220‐3 
3 
VOUT 
Regulator Output Pin 
Ordering Information 
Part Number 
VOUT 
Package 
RS7805AJ 
5V±0.15V 
TO‐252 
RS7805AE 
5V±0.15V 
TO‐220AB 
RS7805AI 
5V±0.15V 
TO‐251 
RS7806AJ 
6V±0.18V 
TO‐252 
RS7806AE 
6V±0.18V 
TO‐220AB 
RS7806AI 
6V±0.18V 
TO‐251 
RS7808AJ 
8V±0.24V 
TO‐252 
RS7808AE 
8V±0.24V 
TO‐220AB 
RS7808AI 
8V±0.24V 
TO‐251 
RS7809AJ 
9V±0.27V 
TO‐252 
RS7809AE 
9V±0.27V 
TO‐220AB 
RS7809AI 
9V±0.27V 
TO‐251 
RS7812AJ 
12V±0.36V 
TO‐252 
RS7812AE 
12V±0.36V 
TO‐220AB 
RS7812AI 
12V±0.36V 
TO‐251 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com