Electronic Components Datasheet Search
  English  ▼

X  

ECOS2CB821BA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECOS2CB821BA
Description  Large Can Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS2CB821BA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECOS2CB821BA Datasheet HTML 1Page - Panasonic Semiconductor ECOS2CB821BA Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TS-HB Standard Ratings (continued)
Cap.
Panasonic
Cap.
Panasonic
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
82
22 x 30
0.64
0.90
2.022
0.809
ECOS2TB820BA
82
22 x 30
0.56
0.78
2.022
0.708
ECOS2WB820BA
100
22 x 30
0.69
0.97
1.658
0.663
ECOS2TB101BA
25 x 25
0.56
0.78
2.022
0.708
ECOS2WB820CA
25 x 25
0.69
0.97
1.658
0.663
ECOS2TB101CA
100
22 x 35
0.64
0.90
1.658
0.580
ECOS2WB101BA
120
22 x 35
0.75
1.05
1.382
0.553
ECOS2TB121BA
25 x 30
0.64
0.90
1.658
0.580
ECOS2WB101CA
25 x 30
0.75
1.05
1.382
0.553
ECOS2TB121CA
120
22 x 40
0.72
1.01
1.382
0.484
ECOS2WB121BA
150
22 x 40
0.82
1.15
1.105
0.442
ECOS2TB151BA
25 x 35
0.72
1.01
1.382
0.484
ECOS2WB121CA
25 x 30
0.82
1.15
1.105
0.442
ECOS2TB151CA
30 x 25
0.72
1.01
1.382
0.484
ECOS2WB121DA
30 x 25
0.82
1.15
1.105
0.442
ECOS2TB151DA
150
22 x 50
0.79
1.11
1.105
0.387
ECOS2WB151BA
180
22 x 45
0.95
1.33
0.921
0.368
ECOS2TB181BA
25 x 40
0.79
1.11
1.105
0.387
ECOS2WB151CA
25 x 35
0.95
1.33
0.921
0.368
ECOS2TB181CA
30 x 30
0.79
1.11
1.105
0.387
ECOS2WB151DA
30 x 30
0.95
1.33
0.921
0.368
ECOS2TB181DA
35 x 25
0.79
1.11
1.105
0.387
ECOS2WB151EA
220
25 x 45
1.10
1.54
0.754
0.301
ECOS2TB221CA
180
25 x 45
0.87
1.22
0.921
0.322
ECOS2WB181CA
30 x 30
1.10
1.54
0.829
0.332
ECOS2TB221DA
30 x 35
0.87
1.22
0.921
0.322
ECOS2WB181DA
35 x 25
1.10
1.54
0.829
0.332
ECOS2TB221EA
220
25 x 50
1.00
1.40
0.754
0.264
ECOS2WB221CA
270
25 x 50
1.20
1.68
0.675
0.270
ECOS2TB271CA
30 x 40
1.00
1.40
0.754
0.264
ECOS2WB221DA
35 x 30
1.20
1.68
0.675
0.270
ECOS2TB271EA
35 x 30
1.00
1.40
0.754
0.264
ECOS2WB221EA
330
30 x 45
1.35
1.89
0.553
0.221
ECOS2TB331DA
270
30 x 45
1.19
1.67
0.614
0.215
ECOS2WB271DA
35 x 35
1.35
1.89
0.553
0.221
ECOS2TB331EA
35 x 35
1.19
1.67
0.614
0.215
ECOS2WB271EA
390
30 x 50
1.55
2.17
0.510
0.204
ECOS2TB391DA
330
30 x 50
1.38
1.93
0.502
0.176
ECOS2WB331DA
470
35 x 45
1.75
2.45
0.423
0.212
ECOS2TB471EA
35 x 40
1.38
1.93
0.502
0.176
ECOS2WB331EA
560
35 x 50
1.80
2.52
0.355
0.178
ECOS2TB561EA
390
35 x 45
1.55
2.17
0.425
0.149
ECOS2WB391EA
470
35 x 50
1.74
2.44
0.353
0.123
ECOS2WB471EA
82
22 x 30
0.64
0.90
2.022
0.708
ECOS2GB820BA
100
22 x 30
0.69
0.97
1.658
0.580
ECOS2GB101BA
25 x 25
0.69
0.97
1.658
0.580
ECOS2GB101CA
120
22 x 35
0.75
1.05
1.382
0.484
ECOS2GB121BA
25 x 30
0.75
1.05
1.382
0.484
ECOS2GB121CA
150
22 x 40
0.82
1.15
1.105
0.387
ECOS2GB151BA
25 x 30
0.82
1.15
1.105
0.387
ECOS2GB151CA
30 x 25
0.82
1.15
1.105
0.387
ECOS2GB151DA
180
22 x 45
0.95
1.33
0.921
0.322
ECOS2GB181BA
25 x 35
0.95
1.33
0.921
0.322
ECOS2GB181CA
30 x 30
0.95
1.33
0.921
0.322
ECOS2GB181DA
220
25 x 45
1.10
1.54
0.754
0.264
ECOS2GB221CA
30 x 30
1.10
1.54
0.754
0.264
ECOS2GB221DA
35 x 25
1.10
1.54
0.754
0.264
ECOS2GB221EA
270
25 x 50
1.20
1.68
0.614
0.215
ECOS2GB271CA
30 x 35
1.20
1.68
0.614
0.215
ECOS2GB271DA
35 x 30
1.20
1.68
0.614
0.215
ECOS2GB271EA
330
30 x 45
1.35
1.89
0.502
0.201
ECOS2GB331DA
35 x 35
1.35
1.89
0.502
0.201
ECOS2GB331EA
390
30 x 50
1.55
2.17
0.425
0.170
ECOS2GB391DA
35 x 40
1.55
2.17
0.425
0.170
ECOS2GB391EA
470
35 x 45
1.75
2.45
0.353
0.141
ECOS2GB471EA
560
35 x 50
1.80
2.52
0.296
0.118
ECOS2GB561EA
100
22 x 30
0.64
0.90
1.824
0.821
ECOS2SB101BA
25 x 25
0.64
0.90
1.824
0.821
ECOS2SB101CA
120
22 x 35
0.72
1.01
1.520
0.684
ECOS2SB121BA
25 x 30
0.72
1.01
1.520
0.684
ECOS2SB121CA
150
22 x 40
0.79
1.11
1.216
0.547
ECOS2SB151BA
25 x 30
0.79
1.11
1.216
0.547
ECOS2SB151CA
30 x 25
0.79
1.11
1.216
0.547
ECOS2SB151DA
180
22 x 45
0.87
1.22
1.013
0.456
ECOS2SB181BA
25 x 40
0.87
1.22
1.013
0.456
ECOS2SB181CA
30 x 30
0.87
1.22
1.013
0.456
ECOS2SB181DA
220
25 x 45
1.00
1.40
0.829
0.373
ECOS2SB221CA
30 x 30
1.00
1.40
0.829
0.373
ECOS2SB221DA
35 x 25
1.00
1.40
0.829
0.373
ECOS2SB221EA
270
25 x 50
1.19
1.67
0.675
0.304
ECOS2SB271CA
30 x 40
1.19
1.67
0.675
0.304
ECOS2SB271DA
35 x 30
1.19
1.67
0.675
0.304
ECOS2SB271EA
330
30 x 45
1.38
1.93
0.553
0.249
ECOS2SB331DA
35 x 35
1.38
1.93
0.553
0.249
ECOS2SB331EA
390
30 x 50
1.55
2.17
0.468
0.210
ECOS2SB391DA
35 x 40
1.55
2.17
0.468
0.210
ECOS2SB391EA
470
35 x 45
1.74
2.44
0.388
0.175
ECOS2SB471EA
560
35 x 50
1.90
2.66
0.326
0.147
ECOS2SB561EA
D x L
D x L
Size (mm)
Max 105°C R.C. (Arms)
400 VDC Working, 450 VDC Surge
420 VDC Working, 470 VDC Surge
450 VDC Working, 500 VDC Surge (continued)
385 VDC Working, 435 VDC Surge
Size (mm)
Max 105°C R.C. (Arms)
20°C ESR (
Ω
Ω
Ω
Ω, max.)
20°C ESR (
Ω
Ω
Ω
Ω, max.)
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com